Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRA2210U Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SRA2210U
Description  PNP Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SRA2210U Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SRA2210U Datasheet HTML 1Page - KODENSHI_AUK CORP. SRA2210U Datasheet HTML 2Page - KODENSHI_AUK CORP. SRA2210U Datasheet HTML 3Page - KODENSHI_AUK CORP. SRA2210U Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-R5D037-000
1
SRA2210U
PNP Silicon Transistor
PIN Connection
Descriptions
• Switching application
• Interface circuit and driver circuit application
Features
• With built-in bias resistor
• Simplify circuit design
• Reduce a quantity of parts and
manufacturing process
• High packing density
Ordering Information
Type NO.
Marking
Package Code
SRA2210U
AR □
① ②
SOT-323
Device Code ②Year&Week Code
Absolute Maximum Ratings
(Ta=25
°C)
Characteristic
Symbol
Rating
Unit
Output voltage
VO
-50
V
Input voltage
VI
-20, 5
V
Output current
IO
-100
mA
Power dissipation
PD
200
mW
Junction temperature
TJ
150
°C
Storage temperature range
Tstg
-55 ~ 150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Output cut-off current
IO(OFF)
VO=-50V, VI=0
-
-
-500
nA
DC current gain
GI
VO=-5V, IO=-10mA
120
-
-
-
Output voltage
VO(ON)
IO=-10mA, II=-0.5mA
-
-0.1
-0.3
V
Input voltage (ON)
VI(ON)
VO=-0.2V, IO=-5mA
-
-0.8
-1.2
V
Input voltage (OFF)
VI(OFF)
VO=-5V, IO=-0.1mA
-0.3
-0.55
-
V
Transition frequency
fT*
VO=-10V, IO=-5mA, f=1MHz
-
200
-
MHz
Input current
II
VI=-5V, IO=0
-
-
-1.8
mA
Input resistor (Input to base)
R1
-
3.3
4.7
6.1
* : Characteristic of transistor only
R1
IN
COMMON
OUT
R1 = 4.7KΩ
IN
COMMON
OUT


Similar Part No. - SRA2210U

ManufacturerPart #DatasheetDescription
logo
AUK corp
SRA2210U AUK-SRA2210U Datasheet
45Kb / 2P
   PNP Silicon Transistor
logo
KODENSHI_AUK CORP.
SRA2210U KODENSHI-SRA2210U Datasheet
246Kb / 4P
   Switching application
logo
AUK corp
SRA2210UF AUK-SRA2210UF Datasheet
45Kb / 2P
   PNP Silicon Transistor
logo
KODENSHI_AUK CORP.
SRA2210UF KODENSHI-SRA2210UF Datasheet
224Kb / 4P
   PNP Silicon Transistor
SRA2210UF KODENSHI-SRA2210UF Datasheet
224Kb / 4P
   Switching application
More results

Similar Description - SRA2210U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com