Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC560C Datasheet(PDF) 2 Page - ON Semiconductor

Part # BC560C
Description  Low Noise Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC560C Datasheet(HTML) 2 Page - ON Semiconductor

  BC560C Datasheet HTML 1Page - ON Semiconductor BC560C Datasheet HTML 2Page - ON Semiconductor BC560C Datasheet HTML 3Page - ON Semiconductor BC560C Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC560C
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage
(IC = −10 mAdc, IB = 0)
V(BR)CEO
−45
Vdc
Collector−Base Breakdown Voltage
(IC = −10 mAdc, IE = 0)
V(BR)CBO
−50
Vdc
Emitter−Base Breakdown Voltage
(IE = −10 mAdc, IC = 0)
V(BR)EBO
−5.0
Vdc
Collector Cutoff Current
(VCB = −30 Vdc, IE = 0)
(VCB = −30 Vdc, IE = 0, TA = +125°C)
ICBO
−15
−5.0
nAdc
mAdc
Emitter Cutoff Current
(VEB = −4.0 Vdc, IC = 0)
IEBO
−15
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = −10 mAdc, VCE = −5.0 Vdc)
(IC = −2.0 mAdc, VCE = −5.0 Vdc)
hFE
100
380
270
500
800
Collector−Emitter Saturation Voltage
(IC = −10 mAdc, IB = −0.5 mAdc)
(IC = −10 mAdc, IB = (Note 1)
(IC = −100 mAdc, IB = −5.0 mAdc, (Note 2)
VCE(sat)
−0.075
−0.3
−0.25
−0.25
−0.6
Vdc
Base −Emitter Saturation Voltage
(IC = −100 mAdc, IB = −5.0 mAdc)
VBE(sat)
−1.1
Vdc
Base−Emitter On Voltage
(IC = −10 mAdc, VCE = −5.0 Vdc)
(IC = −100 mAdc, VCE = −5.0 Vdc)
(IC = −2.0 mAdc, VCE = −5.0 Vdc)
VBE(on)
−0.55
−0.52
−0.55
−0.62
−0.7
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = −10 mAdc, VCE = −5.0 Vdc, f = 100 MHz)
fT
250
MHz
Collector−Base Capacitance
(VCB = −10 Vdc, IE = 0, f = 1.0 MHz)
Ccbo
2.5
pF
Small−Signal Current Gain
(IC = −2.0 mAdc, VCE = −5.0 V, f = 1.0 kHz)
hfe
450
600
900
pF
Noise Figure
(IC = −200 mAdc, VCE = −5.0 Vdc, RS = 2.0 kW, f = 1.0 kHz)
(IC = −200 mAdc, VCE = −5.0 Vdc, RS = 100 kW, f = 1.0 kHz, Df = 200 kHz)
NF1
NF2
0.5
2.0
10
dB
1. IB is value for which IC = −11 mA at VCE = −1.0 V.
2. Pulse test = 300 ms − Duty cycle = 2%.


Similar Part No. - BC560C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC560C MOTOROLA-BC560C Datasheet
107Kb / 4P
   Low Noise Transistors
logo
ON Semiconductor
BC560C ONSEMI-BC560C Datasheet
84Kb / 4P
   Low Noise Transistors
1997
logo
Siemens Semiconductor G...
BC560C SIEMENS-BC560C Datasheet
213Kb / 6P
   PNP SILICON TRANSISTORS
logo
Continental Device Indi...
BC560C CDIL-BC560C Datasheet
304Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Cystech Electonics Corp...
BC560CA3 CYSTEKEC-BC560CA3 Datasheet
297Kb / 8P
   General Purpose PNP Epitaxial Planar Transistor
More results

Similar Description - BC560C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT5088L ONSEMI-MMBT5088L Datasheet
188Kb / 5P
   Low Noise Transistors
October, 2016 ??Rev. 6
logo
Motorola, Inc
MRF959T1 MOTOROLA-MRF959T1 Datasheet
171Kb / 12P
   LOW NOISE TRANSISTORS
MRF2947 MOTOROLA-MRF2947 Datasheet
181Kb / 12P
   LOW NOISE TRANSISTORS
logo
ON Semiconductor
BC559B ONSEMI-BC559B Datasheet
84Kb / 4P
   Low Noise Transistors
1997
logo
Motorola, Inc
BC549B MOTOROLA-BC549B Datasheet
110Kb / 4P
   Low Noise Transistors
logo
ON Semiconductor
BC559 ONSEMI-BC559 Datasheet
131Kb / 4P
   Low Noise Transistors
August, 2006 ??Rev. 3
logo
Motorola, Inc
BC559 MOTOROLA-BC559 Datasheet
107Kb / 4P
   Low Noise Transistors
MRF949T1 MOTOROLA-MRF949T1 Datasheet
166Kb / 14P
   LOW NOISE TRANSISTORS
logo
ON Semiconductor
BC560CG ONSEMI-BC560CG Datasheet
98Kb / 4P
   Low Noise Transistors
July, 2012 ??Rev. 4
MMBT5088LT1 ONSEMI-MMBT5088LT1 Datasheet
211Kb / 8P
   Low Noise Transistors
March, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com