Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV70TT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # BAV70TT1G
Description  Dual Switching Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAV70TT1G Datasheet(HTML) 2 Page - ON Semiconductor

  BAV70TT1G Datasheet HTML 1Page - ON Semiconductor BAV70TT1G Datasheet HTML 2Page - ON Semiconductor BAV70TT1G Datasheet HTML 3Page - ON Semiconductor BAV70TT1G Datasheet HTML 4Page - ON Semiconductor BAV70TT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BAV70TT1G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA =25C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage
(I(BR) = 100 mAdc)
V(BR)
70
--
Vdc
Reverse Voltage Leakage Current (Note 3)
(VR =70 Vdc)
(VR =50 Vdc)
IR
IR
--
--
5.0
100
mAdc
nAdc
Diode Capacitance
(VR = 0,f= 1.0MHz)
CD
--
1.5
pF
Forward Voltage
(IF =1.0 mAdc)
(IF =10 mAdc)
(IF =50 mAdc)
(IF = 150 mAdc)
VF
--
--
--
--
715
855
1000
1250
mVdc
Reverse Recovery Time
(IF =IR =10 mAdc, RL = 100 Ω,IR(REC) = 1.0 mAdc) (Figure 1)
trr
--
6.0
ns
Forward Recovery Voltage
(IF =10 mAdc, tr = 20ns) (Figure2)
VRF
--
1.75
V
3. For each individual diode while the second diode is unbiased.


Similar Part No. - BAV70TT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAV70TT1G ONSEMI-BAV70TT1G Datasheet
59Kb / 6P
   Dual Switching Diode
December, 2003 ??Rev. 2
BAV70TT1G ONSEMI-BAV70TT1G Datasheet
67Kb / 5P
   Dual Switching Diode
April, 2015 ??Rev. 6
More results

Similar Description - BAV70TT1G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
logo
ON Semiconductor
MMBD7000LT1 ONSEMI-MMBD7000LT1 Datasheet
77Kb / 4P
   Dual Switching Diode
November, 2001 ??Rev. 2
logo
Motorola, Inc
MMBD7000LT1 MOTOROLA-MMBD7000LT1 Datasheet
77Kb / 4P
   Dual Switching Diode
logo
ON Semiconductor
BAW56TT1G ONSEMI-BAW56TT1G_16 Datasheet
65Kb / 4P
   Dual Switching Diode
April, 2016 ??Rev. 5
logo
CHENG-YI ELECTRONIC CO....
BAV99 CHENG-YI-BAV99 Datasheet
86Kb / 3P
   DUAL SWITCHING DIODE
logo
Leshan Radio Company
LMBD7000WT1G LRC-LMBD7000WT1G Datasheet
118Kb / 3P
   Dual Switching Diode
logo
Central Semiconductor C...
CPD30V CENTRAL-CPD30V Datasheet
479Kb / 2P
   Dual Switching Diode
logo
Shanghai Leiditech Elec...
LMBD7000LT1G LEIDITECH-LMBD7000LT1G Datasheet
681Kb / 4P
   Dual Switching Diode
logo
ON Semiconductor
BAV70TT1 ONSEMI-BAV70TT1 Datasheet
59Kb / 6P
   Dual Switching Diode
December, 2003 ??Rev. 2
logo
Zowie Technology Corpor...
MMBD7000 ZOWIE-MMBD7000 Datasheet
49Kb / 2P
   DUAL SWITCHING DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com