Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6035G Datasheet(PDF) 5 Page - ON Semiconductor

Part # 2N6035G
Description  Plastic Darlington Complementary Silicon Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6035G Datasheet(HTML) 5 Page - ON Semiconductor

  2N6035G Datasheet HTML 1Page - ON Semiconductor 2N6035G Datasheet HTML 2Page - ON Semiconductor 2N6035G Datasheet HTML 3Page - ON Semiconductor 2N6035G Datasheet HTML 4Page - ON Semiconductor 2N6035G Datasheet HTML 5Page - ON Semiconductor 2N6035G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
(PNP) 2N6034, 2N6035, 2N6036; (NPN) 2N6038, 2N6039
http://onsemi.com
5
Figure 8. Collector Saturation Region
3.4
0.1
IB, BASE CURRENT (mA)
0.6
0.2
1.0
2.0
10
100
2.2
1.8
IC =
0.5 A
TJ = 25°C
1.0 A
2.6
3.0
0.5
5.0
2.2
0.04
IC, COLLECTOR CURRENT (AMP)
0.06
0.1
0.2
0.4
0.6
2.0 4.0
1.8
1.4
1.0
0.6
0.2
TJ = 25°C
VBE(sat) @ IC/IB = 250
VCE(sat) @ IC/IB = 250
Figure 9. “On” Voltages
VBE @ VCE = 3.0 V
1.0
20
50
1.4
1.0
2.0 A
4.0 A
3.4
0.1
IB, BASE CURRENT (mA)
0.6
0.2
1.0
2.0
10
100
2.2
1.8
IC =
0.5 A
TJ = 25°C
1.0 A
2.6
3.0
0.5
5.0
20
50
1.4
1.0
2.0 A
4.0 A
IC, COLLECTOR CURRENT (AMP)
2.2
0.04 0.06
0.1
0.2
0.4
0.6
2.0
4.0
1.8
1.4
1.0
0.6
0.2
1.0
TJ = 25°C
VBE(sat) @ IC/IB = 250
VCE(sat) @ IC/IB = 250
VBE @ VCE = 3.0 V
ORDERING INFORMATION
Device
Package
Shipping
2N6034
TO−225AA
500 Units / Box
2N6034G
TO−225AA
(Pb−Free)
2N6035
TO−225AA
2N6035G
TO−225AA
(Pb−Free)
2N6036
TO−225AA
2N6036G
TO−225AA
(Pb−Free)
2N6038
TO−225AA
2N6038G
TO−225AA
(Pb−Free)
2N6039
TO−225AA
2N6039G
TO−225AA
(Pb−Free)


Similar Part No. - 2N6035G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6035G ONSEMI-2N6035G Datasheet
85Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
May, 2006 ??Rev. 13
2N6035G ONSEMI-2N6035G Datasheet
150Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
December, 2013 ??Rev. 15
More results

Similar Description - 2N6035G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD777 ONSEMI-BD777 Datasheet
158Kb / 4P
   Plastic Darlington Complementary Silicon Power Transistors
August, 2006 ??Rev. 9
2N6035 ONSEMI-2N6035_06 Datasheet
85Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
May, 2006 ??Rev. 13
logo
New Jersey Semi-Conduct...
MJE800T NJSEMI-MJE800T Datasheet
81Kb / 2P
   Plastic Darlington Complementary Silicon Power Transistors
logo
ON Semiconductor
2N6034G ONSEMI-2N6034G_13 Datasheet
150Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
December, 2013 ??Rev. 15
2N6035 ONSEMI-2N6035 Datasheet
113Kb / 8P
   Plastic Darlington Complementary Silicon Power Transistors
April, 2002 ??Rev. 10
MJE700G ONSEMI-MJE700G Datasheet
140Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
December, 2013 ??Rev. 12
logo
Motorola, Inc
BD777 MOTOROLA-BD777 Datasheet
117Kb / 4P
   Plastic Darlington Complementary Silicon Power Transistors
logo
Continental Device Indi...
MJD112 CDIL-MJD112 Datasheet
90Kb / 6P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
CJD110 CDIL-CJD110 Datasheet
105Kb / 6P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
MJD122 CDIL-MJD122 Datasheet
408Kb / 5P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com