Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN7818PI Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SN7818PI
Description  3 Terminal 1A Positive Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SN7818PI Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SN7818PI Datasheet HTML 1Page - KODENSHI_AUK CORP. SN7818PI Datasheet HTML 2Page - KODENSHI_AUK CORP. SN7818PI Datasheet HTML 3Page - KODENSHI_AUK CORP. SN7818PI Datasheet HTML 4Page - KODENSHI_AUK CORP. SN7818PI Datasheet HTML 5Page - KODENSHI_AUK CORP. SN7818PI Datasheet HTML 6Page - KODENSHI_AUK CORP. SN7818PI Datasheet HTML 7Page - KODENSHI_AUK CORP. SN7818PI Datasheet HTML 8Page - KODENSHI_AUK CORP. SN7818PI Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
KSD-I0O008-004
1
Jan. 2010 REV. 04
SN78xxx
3 Terminal 1A Positive Voltage Regulator
Marking Detail Information
[ TO-220F-3L & TO-253-3L PKG Marking ]
AUK Logo
Grade & M Code & Year & Week Code
Device Code
Product
Marking
Package
SN78xxD
SN78xxD
TO-252-3L
SN78xxPI
SN78xxPI
TO-220F-3L
Description
The SN78xxx series are three-terminal positive regulators providing
over 1A output current with internal current limiting, thermal
shutdown and safe area protection. These regulators are useful in
a wide range of applications. Although they are just fixed voltage
regulators, the SN78xxx series can be used with external components to
obtain adjustable voltages and Currents.
Application
Consumer and personal electronics
SMPS post-regulator / dc-to-dc modules
High-efficiency linear power supplies
Features and Benefits
Output Current up to 1.0A
Output Voltage : 5, 6, 8, 9, 10, 12, 15, 18, 24V
Built in OVP, CLP circuit.
Built in TSD Protection.
Output Transistor Safe Area Protection.
Ultra High level of ESD [ Built in ESD Protection Cell ]
MM : 500V / HBM 5KV
S
Seem
miiccoon
nd
du
uccttoorr
http:// www.auk.co.kr
ORDERING INFORMATION
Equivalent Circuit
TO-252-3L
TO-220F-3L
Thermal
Protection
Starting
Circuit
Reference
Voltage
Current
Source
SOA
Protection
Error
Amp
GND
2
VIN
1
3
VOUT
R2
R1
AUK(①)
G△YWW (②)
SN78xxx (③)


Similar Part No. - SN7818PI

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SN7818BDJ KODENSHI-SN7818BDJ Datasheet
1Mb / 18P
   3 Terminal 1A Positive Voltage Regulator
SN7818BPI KODENSHI-SN7818BPI Datasheet
1Mb / 18P
   3 Terminal 1A Positive Voltage Regulator
More results

Similar Description - SN7818PI

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com