Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN79M24PI Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # SN79M24PI
Description  3 Terminal 0.5A Negative Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SN79M24PI Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  SN79M24PI Datasheet HTML 1Page - KODENSHI_AUK CORP. SN79M24PI Datasheet HTML 2Page - KODENSHI_AUK CORP. SN79M24PI Datasheet HTML 3Page - KODENSHI_AUK CORP. SN79M24PI Datasheet HTML 4Page - KODENSHI_AUK CORP. SN79M24PI Datasheet HTML 5Page - KODENSHI_AUK CORP. SN79M24PI Datasheet HTML 6Page - KODENSHI_AUK CORP. SN79M24PI Datasheet HTML 7Page - KODENSHI_AUK CORP. SN79M24PI Datasheet HTML 8Page - KODENSHI_AUK CORP. SN79M24PI Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
KSD-I0O012-000
4
December, 2010 REV. 00
( VIN=-10V, CIN = 0.33uF, COUT = 0.1uF, IOUT = 350mA, TJ=0℃~125℃ ; unless otherwise specified )
Characteristic
Symbol
Test Condition*
SN79M05x
Unit
Min.
Typ.
Max.
Output Voltage**
VO
TJ =25℃
-4.80
-5.0
-5.20
V
-7.0V ≤ VIN ≤ -25.0V
5.0mA ≤ IO ≤ 350mA
-4.75
-5.0
-5.25
Line Regulation
VO(△VI)
-7.0V ≤ VIN ≤ -25.0V
TJ =25℃
-
7.0
50
mV
-8.0V ≤ VIN ≤ -25.0V
-
2.0
30
Load Regulation
VO(△IL)
5.0mA ≤ IO ≤ 500mA
TJ =25℃
-
30
100
mV
Quiescent Current
IQC
TJ =25℃
-
3.0
6.0
mA
Quiescent Current Change
∆IQC
-8.0V ≤ VIN ≤ -25V, IO=200mA
-
-
0.4
mA
5.0mA ≤ IO ≤ 350mA
-
0.4
Ripple Rejection
RR
-8.0V ≤ VIN ≤ -18.0V
f=120Hz
54
60
-
dB
Dropout Voltage
VDROP
IO=500mA
TJ =25℃
-
1.1
-
V
Output Noise Voltage
VN
10Hz ≤ f ≤ 100kHz
TA =25℃
-
40
-
uV/ VO
Short Circuit Current
ISC
VI =-35V
TA =25℃
-
140
-
mA
Temperature coefficient of
Output voltage
VO/
Temp
IO=5.0mA
-
-0.5
-
mV/
* Pulse testing techniques are used to maintain the junction temperature as close to the ambient
temperature as possible. Thermal effects must be taken into separately.
** This specification applies only for dc power dissipation permitted by absolute maximum ratings.
◈ Electrical characteristics
SN79Mxxx


Similar Part No. - SN79M24PI

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SN7905D KODENSHI-SN7905D Datasheet
559Kb / 17P
   3 Terminal 1A Negative Voltage Regulator
SN7905PI KODENSHI-SN7905PI Datasheet
559Kb / 17P
   3 Terminal 1A Negative Voltage Regulator
SN7906D KODENSHI-SN7906D Datasheet
559Kb / 17P
   3 Terminal 1A Negative Voltage Regulator
SN7906PI KODENSHI-SN7906PI Datasheet
559Kb / 17P
   3 Terminal 1A Negative Voltage Regulator
SN7908D KODENSHI-SN7908D Datasheet
559Kb / 17P
   3 Terminal 1A Negative Voltage Regulator
More results

Similar Description - SN79M24PI

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM79M05 FAIRCHILD-LM79M05_12 Datasheet
144Kb / 6P
   3-Terminal 0.5A Negative Voltage Regulator
logo
Unisonic Technologies
79DXX UTC-79DXX_07 Datasheet
188Kb / 7P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
79DXX UTC-79DXX_V01 Datasheet
319Kb / 7P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79M05RTF FAIRCHILD-KA79M05RTF Datasheet
130Kb / 8P
   3-Terminal 0.5A Negative Voltage Regulator
KA79MXX FAIRCHILD-KA79MXX Datasheet
70Kb / 14P
   3-Terminal 0.5A Negative Voltage Regulator
logo
Unisonic Technologies
79DXX UTC-79DXX_15 Datasheet
198Kb / 6P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC79MXX FAIRCHILD-MC79MXX Datasheet
69Kb / 14P
   3-Terminal 0.5A Negative Voltage Regulator
logo
E-Tech Electronics LTD
79DXX ETL-79DXX Datasheet
198Kb / 6P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM79MXX FAIRCHILD-LM79MXX Datasheet
231Kb / 5P
   3-Terminal 0.5A Negative Voltage Regulator
KA79MXX FAIRCHILD-KA79MXX_11 Datasheet
127Kb / 12P
   3-Terminal 0.5A Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com