Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN358P Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # SN358P
Description  Dual Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SN358P Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  SN358P Datasheet HTML 1Page - KODENSHI_AUK CORP. SN358P Datasheet HTML 2Page - KODENSHI_AUK CORP. SN358P Datasheet HTML 3Page - KODENSHI_AUK CORP. SN358P Datasheet HTML 4Page - KODENSHI_AUK CORP. SN358P Datasheet HTML 5Page - KODENSHI_AUK CORP. SN358P Datasheet HTML 6Page - KODENSHI_AUK CORP. SN358P Datasheet HTML 7Page - KODENSHI_AUK CORP. SN358P Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KSD-I7F015-001
3
October, 2010 REV. 01
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Supply voltage
VCC
36 or ±18
V
Differential input voltage
VIND
32
V
Input voltage
VIN
-0.3 ~ +32
V
SOP-8
600
mW
Power Dissipation
PD
DIP-8
1000
mW
Operating temperature
Topr
-45 ~ +85
°C
Storage temperature
Tstg
-55 ~ 150
°C
Electrical Characteristics
(Unless otherwise specified. VCC = 5V and
–45
°C ≤ Ta ≤ +85 °C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
5V
≤ V
CC ≤ 30V
(Ta=25
°C)
-
±2
±7
Input offset voltage
VIOS
Rg = 0
Ω, 0V ≤ V
IC ≤ VCC-1.5V
-
-
±9
mV
Input offset voltage drift
ΔV
IOS/ΔT
Rg = 0
Ω
-
7
-
μV/ °C
(Ta=25
°C)
-
±5
±50
Input offset current
IIOS
-
-
±150
nA
Input offset current drift
ΔI
IOS/ΔT
-
-
10
-
pA/
°C
(Ta=25
°C)
-
45
250
Input bias current
IIB
-
-
40
500
nA
(Ta=25
°C)
0
-
VCC
–1.5
V
Input common mode
voltage range
VICR
VCC = 30V
0
-
VCC
–2
V
VCC = 30V, RL = ∞
-
1
2
Supply current
ICC
VCC = 5V, RL = ∞
-
0.7
1.2
mA
(Ta=25
°C)
25
100
-
Large signal voltage
gain
GV
VCC = 15V
RL ≥ 2 KΩ
15
-
-
V/mV
VCC = 30V
RL=2 KΩ
26
-
-
VOH
RL=10 KΩ
27
28
-
V
Output voltage swing
VOL
VCC =5V, RL ≤10 KΩ
-
3
20
mV
Common mode
rejection ratio
CMRR
(Ta=25
°C)
65
90
-
dB
Power supply
rejection ratio
PSRR
(Ta=25
°C)
65
100
-
dB
VCC = 15V
(Ta=25
°C)
20
40
-
Output source current
IO+
VIN+ = 1V, VIN- = 0V
10
20
-
mA
VCC = 15V
(Ta=25
°C)
10
20
-
VIN+ = 0V, VIN- = 1V
5
8
-
mA
VOUT = 200mV,
(Ta=25
°C)
Output sink current
IO-
VIN+ = 0V, VIN- = 1V
12
50
-
μA
Output short circuit to
ground
ISC
Ta=25
°C
-
40
60
mA
SN358/P


Similar Part No. - SN358P

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
SN3545N3-G SUTEX-SN3545N3-G Datasheet
858Kb / 6P
   N-Channel Depletion-Mode Vertical DMOS FET
SN3545N3-GP002 SUTEX-SN3545N3-GP002 Datasheet
858Kb / 6P
   N-Channel Depletion-Mode Vertical DMOS FET
SN3545N3-GP003 SUTEX-SN3545N3-GP003 Datasheet
858Kb / 6P
   N-Channel Depletion-Mode Vertical DMOS FET
SN3545N3-GP005 SUTEX-SN3545N3-GP005 Datasheet
858Kb / 6P
   N-Channel Depletion-Mode Vertical DMOS FET
SN3545N3-GP013 SUTEX-SN3545N3-GP013 Datasheet
858Kb / 6P
   N-Channel Depletion-Mode Vertical DMOS FET
More results

Similar Description - SN358P

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com