Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN78L10L Datasheet(PDF) 5 Page - KODENSHI_AUK CORP.

Part # SN78L10L
Description  3 Terminal Positive Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SN78L10L Datasheet(HTML) 5 Page - KODENSHI_AUK CORP.

  SN78L10L Datasheet HTML 1Page - KODENSHI_AUK CORP. SN78L10L Datasheet HTML 2Page - KODENSHI_AUK CORP. SN78L10L Datasheet HTML 3Page - KODENSHI_AUK CORP. SN78L10L Datasheet HTML 4Page - KODENSHI_AUK CORP. SN78L10L Datasheet HTML 5Page - KODENSHI_AUK CORP. SN78L10L Datasheet HTML 6Page - KODENSHI_AUK CORP. SN78L10L Datasheet HTML 7Page - KODENSHI_AUK CORP. SN78L10L Datasheet HTML 8Page - KODENSHI_AUK CORP. SN78L10L Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
KSD-I5B007-001
5
Jan. 2011 REV. 01
( VIN=12V, CIN = 0.33uF, COUT = 0.1 uF, IOUT = 40mA, TJ=0℃~125℃ ; unless otherwise specified )
Characteristic
Symbol
Test Condition*
SN78L06x
Unit
Min.
Typ.
Max.
Output Voltage**
VO
TJ =25℃
5.75
6.0
6.25
V
8.5V ≤ VIN ≤ 20V
1.0mA ≤ IO ≤ 40mA
5.70
6.0
6.30
Line Regulation
VO(△VI)
8.5V ≤ VIN ≤ 20.0V
TJ =25℃
-
64
175
9.0V ≤ VIN ≤ 20.0V
-
54
125
Load Regulation
VO(△IL)
1.0mA ≤ IO ≤ 100mA
TJ =25℃
-
12.8
80
1.0mA ≤ IO ≤ 70 ㎃
-
5.8
40
Quiescent Current
IQC
TJ =25℃
-
-
5.5
Quiescent Current Change
IQC
9.0V ≤ VIN ≤ 20.0V
-
-
1.5
1.0mA ≤ IO ≤ 40mA
-
-
0.1
Ripple Rejection
RR
10.0V ≤ VIN ≤ 20.0V
f=120 ㎐
40
46
-
Dropout Voltage
VDROP
TJ =25℃
-
1.7
-
V
Output Noise Voltage
VN
10Hz ≤ f ≤ 100kHz
TA =25℃
-
40
-
uV/ VO
Temperature coefficient of
Output voltage
VO/
Temp
IO=5.0 ㎃
-
0.75
-
/℃
* Pulse testing techniques are used to maintain the junction temperature as close to the ambient
temperature as possible. Thermal effects must be taken into separately.
** This specification applies only for dc power dissipation permitted by absolute maximum ratings.
SN78Lxxx
Electrical characteristics


Similar Part No. - SN78L10L

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SN7805BDJ KODENSHI-SN7805BDJ Datasheet
1Mb / 18P
   3 Terminal 1A Positive Voltage Regulator
SN7805BPI KODENSHI-SN7805BPI Datasheet
1Mb / 18P
   3 Terminal 1A Positive Voltage Regulator
SN7805D KODENSHI-SN7805D Datasheet
588Kb / 18P
   3 Terminal 1A Positive Voltage Regulator
SN7805PI KODENSHI-SN7805PI Datasheet
588Kb / 18P
   3 Terminal 1A Positive Voltage Regulator
SN7806BDJ KODENSHI-SN7806BDJ Datasheet
1Mb / 18P
   3 Terminal 1A Positive Voltage Regulator
More results

Similar Description - SN78L10L

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
78L05U SEMTECH_ELEC-78L05U Datasheet
223Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL7812XE3 CYSTEKEC-PL7812XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
PL7818XE3 CYSTEKEC-PL7818XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7812AA HSMC-H7812AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com