Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN79L15 Datasheet(PDF) 11 Page - KODENSHI_AUK CORP.

Part # SN79L15
Description  3 Terminal Negative Voltage Regulator [100mA]
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SN79L15 Datasheet(HTML) 11 Page - KODENSHI_AUK CORP.

Back Button SN79L15 Datasheet HTML 7Page - KODENSHI_AUK CORP. SN79L15 Datasheet HTML 8Page - KODENSHI_AUK CORP. SN79L15 Datasheet HTML 9Page - KODENSHI_AUK CORP. SN79L15 Datasheet HTML 10Page - KODENSHI_AUK CORP. SN79L15 Datasheet HTML 11Page - KODENSHI_AUK CORP. SN79L15 Datasheet HTML 12Page - KODENSHI_AUK CORP. SN79L15 Datasheet HTML 13Page - KODENSHI_AUK CORP. SN79L15 Datasheet HTML 14Page - KODENSHI_AUK CORP. SN79L15 Datasheet HTML 15Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
KSD-I5B008-000
11
December, 2010 REV. 00
1) CIN should be required if regulators are located far from power supply filter
2) CO improves output stability and transient response
3) To specify an output voltage, substitute voltage value for “xx”
SN79Lxxx
Typical Application
SN79Lxx
VIN
+ Ci
+ Co
RL
VOUT
+
Split Power Supply / OP-AMP Supply (±12V / 100mA )
Negative Fixed Output Regulator


Similar Part No. - SN79L15

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SN7905D KODENSHI-SN7905D Datasheet
559Kb / 17P
   3 Terminal 1A Negative Voltage Regulator
SN7905PI KODENSHI-SN7905PI Datasheet
559Kb / 17P
   3 Terminal 1A Negative Voltage Regulator
SN7906D KODENSHI-SN7906D Datasheet
559Kb / 17P
   3 Terminal 1A Negative Voltage Regulator
SN7906PI KODENSHI-SN7906PI Datasheet
559Kb / 17P
   3 Terminal 1A Negative Voltage Regulator
SN7908D KODENSHI-SN7908D Datasheet
559Kb / 17P
   3 Terminal 1A Negative Voltage Regulator
More results

Similar Description - SN79L15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS79L00 TSC-TS79L00_08 Datasheet
133Kb / 9P
   3-Terminal 100mA Negative Voltage Regulator
TS79L00 TSC-TS79L00_14 Datasheet
165Kb / 7P
   3-Terminal 100mA Negative Voltage Regulator
logo
ADDtek Corp
AMC79L05 ADDTEK-AMC79L05 Datasheet
90Kb / 6P
   100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
JUNE 2006
logo
List of Unclassifed Man...
AMC79L05 ETC1-AMC79L05 Datasheet
387Kb / 6P
   100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
NTE Electronics
NTE1979 NTE-NTE1979 Datasheet
28Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator,-8V, 100mA
NTE1903 NTE-NTE1903 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -12V, 100mA
NTE1909 NTE-NTE1909 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -24V, 100mA
NTE1917 NTE-NTE1917 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -5V, 100mA
NTE1905 NTE-NTE1905 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -15V, 100mA
NTE1907 NTE-NTE1907 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -18V, 100mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com