Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN79L08 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SN79L08
Description  3 Terminal Negative Voltage Regulator [100mA]
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SN79L08 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SN79L08 Datasheet HTML 1Page - KODENSHI_AUK CORP. SN79L08 Datasheet HTML 2Page - KODENSHI_AUK CORP. SN79L08 Datasheet HTML 3Page - KODENSHI_AUK CORP. SN79L08 Datasheet HTML 4Page - KODENSHI_AUK CORP. SN79L08 Datasheet HTML 5Page - KODENSHI_AUK CORP. SN79L08 Datasheet HTML 6Page - KODENSHI_AUK CORP. SN79L08 Datasheet HTML 7Page - KODENSHI_AUK CORP. SN79L08 Datasheet HTML 8Page - KODENSHI_AUK CORP. SN79L08 Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
KSD-I5B008-000
2
December, 2010 REV. 00
Product Name
VOUT
Operating
Temperature
Package
SN79L05
-5.0V
-40~125℃
TO-92
SN79L06
-6.0V
-40~125℃
TO-92
SN79L08
-8.0V
-40~125℃
TO-92
SN79L12
-12V
-40~125℃
TO-92
SN79L15
-15V
-40~125℃
TO-92
SN79L18
-18V
-40~125℃
TO-92
SN79L24
-24V
-40~125℃
TO-92
SN79L05L
-5.0V
-40~125℃
TO-92L
SN79L06L
-6.0V
-40~125℃
TO-92L
SN79L08L
-8.0V
-40~125℃
TO-92L
SN79L12L
-12V
-40~125℃
TO-92L
SN79L15L
-15V
-40~125℃
TO-92L
SN79L18L
-18V
-40~125℃
TO-92L
SN79L24L
-24V
-40~125℃
TO-92L
SN79L05F
-5.0V
-40~125℃
SOT-89
SN79L06F
-6.0V
-40~125℃
SOT-89
SN79L08F
-8.0V
-40~125℃
SOT-89
SN79L12F
-12V
-40~125℃
SOT-89
SN79L15F
-15V
-40~125℃
SOT-89
SN79L18F
-18V
-40~125℃
SOT-89
SN79L24F
-24V
-40~125℃
SOT-89
◈ Pin Configuration
◈ Product Line-up
SN79Lxxx
TO-92
1: GND
2: VIN
3: VOUT
2
1
3
1
2
3
SOT-89
1: GND
2: VIN
3: VOUT
1
2
3
TO-92L
1: GND
2: VIN
3: VOUT


Similar Part No. - SN79L08

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SN7905D KODENSHI-SN7905D Datasheet
559Kb / 17P
   3 Terminal 1A Negative Voltage Regulator
SN7905PI KODENSHI-SN7905PI Datasheet
559Kb / 17P
   3 Terminal 1A Negative Voltage Regulator
SN7906D KODENSHI-SN7906D Datasheet
559Kb / 17P
   3 Terminal 1A Negative Voltage Regulator
SN7906PI KODENSHI-SN7906PI Datasheet
559Kb / 17P
   3 Terminal 1A Negative Voltage Regulator
SN7908D KODENSHI-SN7908D Datasheet
559Kb / 17P
   3 Terminal 1A Negative Voltage Regulator
More results

Similar Description - SN79L08

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS79L00 TSC-TS79L00_08 Datasheet
133Kb / 9P
   3-Terminal 100mA Negative Voltage Regulator
TS79L00 TSC-TS79L00_14 Datasheet
165Kb / 7P
   3-Terminal 100mA Negative Voltage Regulator
logo
ADDtek Corp
AMC79L05 ADDTEK-AMC79L05 Datasheet
90Kb / 6P
   100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
JUNE 2006
logo
List of Unclassifed Man...
AMC79L05 ETC1-AMC79L05 Datasheet
387Kb / 6P
   100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
NTE Electronics
NTE1979 NTE-NTE1979 Datasheet
28Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator,-8V, 100mA
NTE1903 NTE-NTE1903 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -12V, 100mA
NTE1909 NTE-NTE1909 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -24V, 100mA
NTE1917 NTE-NTE1917 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -5V, 100mA
NTE1905 NTE-NTE1905 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -15V, 100mA
NTE1907 NTE-NTE1907 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -18V, 100mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com