Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMK1625D2 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SMK1625D2
Description  DC-DC CONVERTER APPLICATION HIGH VOLTAGE SWITCHING APPLICATIONS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SMK1625D2 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SMK1625D2 Datasheet HTML 1Page - KODENSHI_AUK CORP. SMK1625D2 Datasheet HTML 2Page - KODENSHI_AUK CORP. SMK1625D2 Datasheet HTML 3Page - KODENSHI_AUK CORP. SMK1625D2 Datasheet HTML 4Page - KODENSHI_AUK CORP. SMK1625D2 Datasheet HTML 5Page - KODENSHI_AUK CORP. SMK1625D2 Datasheet HTML 6Page - KODENSHI_AUK CORP. SMK1625D2 Datasheet HTML 7Page - KODENSHI_AUK CORP. SMK1625D2 Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KSD-T6S006-000
2
SMK1625D2
Electrical Characteristics (T
C=25C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Drain-source breakdown voltage
BVDSS
ID=250uA, VGS=0
250
-
-
V
Gate threshold voltage
VGS(th)
ID=250uA, VDS=VGS
2.0
-
4.0
V
Drain-source cut-off current
IDSS
VDS=250V, VGS=0V
-
-
1
uA
Gate leakage current
IGSS
VDS=0V, VGS=30V
-
-
100
nA
Drain-source on-resistance
RDS(ON)
VGS=10V, ID=8.0A
-
0.22
0.27
Forward transfer conductance
gfs
VDS=10V, ID=8.0A
-
10.5
-
S
Input capacitance
Ciss
VGS=0V, VDS=25V
f=1MHz
-
968
1275
pF
Output capacitance
Coss
-
204
278
Reverse transfer capacitance
Crss
-
49
64
Turn-on delay time
td(on)
VDD=125V, ID=16A
RG=25

-
15
-
ns
Rise time
tr
-
130
-
Turn-off delay time
td(off)
-
135
-
Fall time
tf
-
105
-
Total gate charge
Qg
VDS=200V, VGS=10V
ID=16A

-
22
28
nC
Gate-source charge
Qgs
-
7.1
-
Gate-drain charge
Qgd
-
5.9
-
Source-Drain Diode Ratings and Characteristics (T
C=25C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Source current
IS
Integral reverse diode
in the MOSFET
-
-
16
A
Source current (Pulsed)
ISM
-
-
64
Forward voltage
VSD
VGS=0V, IS=16A
-
-
1.4
V
Reverse recovery time
trr
IS=16A, VGS=0
dIF/dt=100A/us
-
208
-
ns
Reverse recovery charge
Qrr
-
1.63
-
uC
Note ;
Repetitive Rating : Pulse Width Limited by Maximum Junction Temperature
L=3.0mH, IAS=16A, VDD=50V, RG=25Ω
Pulse Test : Pulse Width≤ 300us, Duty cycle≤ 2%
Essentially independent of operating temperature


Similar Part No. - SMK1625D2

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMK1625D2 KODENSHI-SMK1625D2 Datasheet
405Kb / 8P
   DC-DC CONVERTER APPLICATION
SMK1625D2-1 KODENSHI-SMK1625D2-1 Datasheet
405Kb / 8P
   DC-DC CONVERTER APPLICATION
More results

Similar Description - SMK1625D2

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMN09L20D KODENSHI-SMN09L20D Datasheet
404Kb / 8P
   DC-DC CONVERTER APPLICATION HIGH VOLTAGE SWITCHING APPLICATIONS
SMK1820D KODENSHI-SMK1820D Datasheet
383Kb / 8P
   DC-DC CONVERTER APPLICATION HIGH VOLTAGE SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SC3344 TOSHIBA-2SC3344 Datasheet
264Kb / 3P
   SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS. HIGH SPEED DC-DC CONVERTER APPLICATION.
2SC2790 TOSHIBA-2SC2790 Datasheet
298Kb / 4P
   SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS HIGH SPEED DC-DC CONVERTER APPLICATION
2SC3051 TOSHIBA-2SC3051 Datasheet
263Kb / 3P
   SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS. HIGH SPEED DC-DC CONVERTER APPLICATION.
2SC3236 TOSHIBA-2SC3236 Datasheet
214Kb / 3P
   SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS. HIGH SPEED DC-DC CONVERTER APPLICATION.
2SK2508 TOSHIBA-2SK2508 Datasheet
285Kb / 5P
   HIGH SPEED HIGH VOLTAGE SWITCHING APPLICATIONS SWITCHING REGULATOR AND DC-DC CONVERTER AND MOTOR APPLICATION
2SC6040 TOSHIBA-2SC6040 Datasheet
189Kb / 5P
   High-Speed and High-Voltage Switching Applications Switching Regulator Applications DC-DC Converter Applications
2SA1822 TOSHIBA-2SA1822 Datasheet
152Kb / 3P
   TRANSISTOR (HIGH VOLTAGE SWITCHING, SPEED DC-DC CONVERTER APPLICATIONS)
2SA2069 TOSHIBA-2SA2069 Datasheet
196Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com