Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMK1430DI Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SMK1430DI
Description  SWITCHING REGURATOR APPLICATIONS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SMK1430DI Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SMK1430DI Datasheet HTML 1Page - KODENSHI_AUK CORP. SMK1430DI Datasheet HTML 2Page - KODENSHI_AUK CORP. SMK1430DI Datasheet HTML 3Page - KODENSHI_AUK CORP. SMK1430DI Datasheet HTML 4Page - KODENSHI_AUK CORP. SMK1430DI Datasheet HTML 5Page - KODENSHI_AUK CORP. SMK1430DI Datasheet HTML 6Page - KODENSHI_AUK CORP. SMK1430DI Datasheet HTML 7Page - KODENSHI_AUK CORP. SMK1430DI Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
KSD-T6S002-003
1
SMK1430DI
Advanced N-Ch Power MOSFET
G
D
PIN Connection
S
D2-PAK
D
S
G
SWITCHING REGURATOR APPLICATIONS
Features
• High Voltage : BVDSS=300V(Min.)
• Low Crss : Crss=19pF(Typ.)
• Low gate charge : Qg=24nC(Typ.)
• Low RDS(on) : RDS(on)=0.29Ω(Max.)
Ordering Information
Marking Diagram
Absolute maximum ratings (T
C=25°C unless otherwise noted)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
300
V
Gate-source voltage
VGSS
±30
V
TC=25°C
14
A
Drain current (DC) *
ID
TC=100°C
8.4
A
Drain current (Pulsed) *
IDM
90
A
Power dissipation
PD
140
W
Avalanche current (Single)
IAS
14
A
Single pulsed avalanche energy
EAS
800
mJ
Avalanche current (Repetitive)
IAR
14
A
Repetitive avalanche energy
EAR
25
mJ
Junction temperature
TJ
150
Storage temperature range
Tstg
-55~150
°C
* Limited by maximum junction temperature
Characteristic
Symbol
Typ.
Max.
Unit
Junction-case
Rth(J-C)
-
0.89
Thermal
resistance
Junction-ambient
Rth(J-A)
-
62.5
°C/W
Type No.
Marking
Package Code
SMK1430DI
SMK1430
D2-PAK
Column 1 : Manufacturer
Column 2 : Production Information
e.g.) GYMDD
-. G : Factory management code
-. YMDD : Date Code (year, month, date)
Column 3 : Device Code
AUK
GYMDD
SMK1430


Similar Part No. - SMK1430DI

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMK1430DI KODENSHI-SMK1430DI Datasheet
568Kb / 8P
   SWITCHING REGURATOR APPLICATIONS
SMK1430DI-1 KODENSHI-SMK1430DI-1 Datasheet
568Kb / 8P
   SWITCHING REGURATOR APPLICATIONS
More results

Similar Description - SMK1430DI

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMK1060D2-1 KODENSHI-SMK1060D2-1 Datasheet
509Kb / 8P
   SWITCHING REGURATOR APPLICATIONS
SMK1430DI-1 KODENSHI-SMK1430DI-1 Datasheet
568Kb / 8P
   SWITCHING REGURATOR APPLICATIONS
SMK1060D2 KODENSHI-SMK1060D2 Datasheet
509Kb / 8P
   SWITCHING REGURATOR APPLICATIONS
logo
Toshiba Semiconductor
2SK2544 TOSHIBA-2SK2544 Datasheet
284Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, SWITCHING REGURATOR APPLICATIONS)
logo
Fairchild Semiconductor
BC548B FAIRCHILD-BC548B Datasheet
50Kb / 4P
   Switching and Applications Switching and Applications
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
STMicroelectronics
STW6N90K5 STMICROELECTRONICS-STW6N90K5 Datasheet
729Kb / 12P
   Switching applications
November 2016 Rev 1
logo
Toshiba Semiconductor
2SD1223 TOSHIBA-2SD1223_10 Datasheet
163Kb / 5P
   Switching Applications
logo
Sanyo Semicon Device
2SC4363 SANYO-2SC4363 Datasheet
88Kb / 2P
   Switching Applications
logo
STMicroelectronics
STH6N95K5-2 STMICROELECTRONICS-STH6N95K5-2 Datasheet
711Kb / 17P
   Switching applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com