Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGFC36V5258 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # MGFC36V5258
Description  C band internally matched power GaAs FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGFC36V5258 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  MGFC36V5258_11 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGFC36V5258_11 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGFC36V5258_11 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
< C band internally matched power GaAs FET >
MGFC36V5258
5.2 – 5.8 GHz BAND / 4W
Publication Date : Apr., 2011
2
MGFC36V5258 TYPICAL CHARACTERISTICS( Ta=25deg.C )
MGFC36V5258 S-parameters( Ta=25deg.C , VDS=10(V),IDS=1.2(A) )
S Parameters(Typ.)
S11
S21
S12
S22
f
(GHz)
Magn.
Angle(deg.)
Magn.
Angle(deg.)
Magn.
Angle(deg.)
Magn.
Angle(deg.)
5.2
0.43
13
3.27
138
0.062
156
0.51
-17
5.3
0.30
-3
3.30
122
0.062
138
0.48
-28
5.4
0.19
-41
3.45
105
0.062
120
0.46
-39
5.5
0.18
-99
3.61
89
0.060
102
0.43
-51
5.6
0.28
-152
3.61
73
0.061
78
0.34
-66
5.7
0.39
179
3.45
55
0.059
56
0.26
-80
5.8
0.51
161
3.19
36
0.058
32
0.17
-98
P1dB,GLP vs. f
Po,PAE vs. Pin
S11,S22 vs. f
S21,S12 vs. f


Similar Part No. - MGFC36V5258_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC36V5258 MITSUBISHI-MGFC36V5258_04 Datasheet
893Kb / 3P
   5.2 - 5.8GHz BAND 4W INTERNALLY MATCHED GaAs FET
More results

Similar Description - MGFC36V5258_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC39V5864 MITSUBISHI-MGFC39V5864 Datasheet
108Kb / 3P
   C band internally matched power GaAs FET
MGFC42V7177 MITSUBISHI-MGFC42V7177 Datasheet
105Kb / 2P
   C band Internally Matched Power GaAs FET
MGFC36V6472A MITSUBISHI-MGFC36V6472A_11 Datasheet
93Kb / 2P
   C band internally matched power GaAs FET
MGFC38V6472 MITSUBISHI-MGFC38V6472_11 Datasheet
115Kb / 3P
   C band internally matched power GaAs FET
MGFC36V7177A MITSUBISHI-MGFC36V7177A_11 Datasheet
124Kb / 3P
   C band internally matched power GaAs FET
MGFC39V5258 MITSUBISHI-MGFC39V5258_11 Datasheet
130Kb / 3P
   C band internally matched power GaAs FET
MGFC39V6472A MITSUBISHI-MGFC39V6472A_11 Datasheet
93Kb / 2P
   C band internally matched power GaAs FET
MGFC36V3742A MITSUBISHI-MGFC36V3742A_11 Datasheet
123Kb / 3P
   C band internally matched power GaAs FET
MGFC39V4450A MITSUBISHI-MGFC39V4450A_11 Datasheet
93Kb / 2P
   C band internally matched power GaAs FET
MGFC38V5964 MITSUBISHI-MGFC38V5964_11 Datasheet
114Kb / 3P
   C band internally matched power GaAs FET
MGFC40V3742 MITSUBISHI-MGFC40V3742_11 Datasheet
94Kb / 2P
   C band internally matched power GaAs FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com