Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJ1117-18D Datasheet(PDF) 7 Page - KODENSHI_AUK CORP.

Part # SJ1117-18D
Description  Adjustable and Fixed Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SJ1117-18D Datasheet(HTML) 7 Page - KODENSHI_AUK CORP.

Back Button SJ1117-18D Datasheet HTML 3Page - KODENSHI_AUK CORP. SJ1117-18D Datasheet HTML 4Page - KODENSHI_AUK CORP. SJ1117-18D Datasheet HTML 5Page - KODENSHI_AUK CORP. SJ1117-18D Datasheet HTML 6Page - KODENSHI_AUK CORP. SJ1117-18D Datasheet HTML 7Page - KODENSHI_AUK CORP. SJ1117-18D Datasheet HTML 8Page - KODENSHI_AUK CORP. SJ1117-18D Datasheet HTML 9Page - KODENSHI_AUK CORP. SJ1117-18D Datasheet HTML 10Page - KODENSHI_AUK CORP. SJ1117-18D Datasheet HTML 11Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
KSD-I0T005-008
7
SJ1117xxx
Electrical Characteristic Curves
Fig.9 SJ1117-285
Line Transient Response
Fig.10 SJ1117-50
Line Transient Response
Fig.11 SJ1117-285
Load Transient Response
Fig.12 SJ1117-50
Load Transient Response
0.1
-0.1
0
0.5
0
0
120
80
160
40
200
Time [µS]
20
-20
0
4.25
5.25
0
1.2
0.8
1.6
0.4
2.0
Time [mS]
Cin=1.0uF, Cout=33uF
Iout=0.1A, TA=25℃
Cin=10uF, Cout=10uF, Vin=5V
Preload=0.1A, TA=25℃
20
-20
0
6.5
7.5
Cin=1.0uF, Cout=33uF
Iout=0.1A, TA=25℃
0
1.2
0.8
1.6
0.4
2.0
Time [mS]
0.1
-0.1
0
0.5
0
0
120
80
160
40
200
Time [µS]
Cin=10uF, Cout=10uF, Vin=7V
Preload=0.1A, TA=25℃


Similar Part No. - SJ1117-18D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SJ1117-18D KODENSHI-SJ1117-18D Datasheet
437Kb / 17P
   Adjustable and Fixed Voltage Regulator
More results

Similar Description - SJ1117-18D

ManufacturerPart #DatasheetDescription
logo
AUK corp
S1117-XXD AUK-S1117-XXD Datasheet
328Kb / 6P
   Adjustable and Fixed Voltage Regulator
logo
KODENSHI_AUK CORP.
SJ1117XXX KODENSHI-SJ1117XXX Datasheet
437Kb / 17P
   Adjustable and Fixed Voltage Regulator
logo
AUK corp
S1117-XXQ AUK-S1117-XXQ Datasheet
329Kb / 6P
   Adjustable and Fixed Voltage Regulator
S1117-XXPIC AUK-S1117-XXPIC Datasheet
329Kb / 6P
   Adjustable and Fixed Voltage Regulator
S1117API AUK-S1117API Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
S1117AQ AUK-S1117AQ Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
S1117APIC AUK-S1117APIC Datasheet
393Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
logo
Texas Instruments
TLV1117CDCYRG3 TI1-TLV1117CDCYRG3 Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117 TI-TLV1117 Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-33DCY TI-TLV1117-33DCY Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com