Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDC36TG Datasheet(PDF) 6 Page - Semtech Corporation

Part # SDC36TG
Description  TVS Diode Array for Proximity Switch Input Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SDC36TG Datasheet(HTML) 6 Page - Semtech Corporation

  SDC36TG Datasheet HTML 1Page - Semtech Corporation SDC36TG Datasheet HTML 2Page - Semtech Corporation SDC36TG Datasheet HTML 3Page - Semtech Corporation SDC36TG Datasheet HTML 4Page - Semtech Corporation SDC36TG Datasheet HTML 5Page - Semtech Corporation SDC36TG Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
SDC36
Contact Information
Semtech Corporation
Protection Products Division
652 Mitchell Rd., Newbury Park, CA 91320
Phone: (805)498-2111 FAX (805)498-3804
Ordering Information
r
e
b
m
u
N
t
r
a
P
g
n
i
k
r
o
W
e
g
a
tl
o
V
l
e
e
R
r
e
p
y
t
Qe
z
i
S
l
e
e
R
C
T
.
6
3
C
D
SV
3
30
0
0
,
3h
c
n
I
7
G
T
.
6
3
C
D
SV
3
30
0
0
,
0
1h
c
n
I
3
1


Similar Part No. - SDC36TG

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SDC360440-10 SYNERGY-SDC360440-10 Datasheet
288Kb / 3P
   BI-DIRECTIONAL COUPLER
SDC360440-20 SYNERGY-SDC360440-20 Datasheet
295Kb / 3P
   BI-DIRECTIONAL COUPLER
logo
Semtech Corporation
SDC36B SEMTECH-SDC36B Datasheet
159Kb / 6P
   TVS Diode Array for Proximity Switch Input Protection
SDC36B.TCT SEMTECH-SDC36B.TCT Datasheet
159Kb / 6P
   TVS Diode Array for Proximity Switch Input Protection
SDC36C SEMTECH-SDC36C Datasheet
164Kb / 6P
   TVS Diode Array for Proximity Switch Input Protection
More results

Similar Description - SDC36TG

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SDC36B SEMTECH-SDC36B Datasheet
159Kb / 6P
   TVS Diode Array for Proximity Switch Input Protection
SDC36C SEMTECH-SDC36C Datasheet
164Kb / 6P
   TVS Diode Array for Proximity Switch Input Protection
UCLAMP3603T SEMTECH-UCLAMP3603T Datasheet
168Kb / 7P
   TVS Diode Array for Proximity Switch Protection
logo
Shanghai Leiditech Elec...
SM36S3F LEIDITECH-SM36S3F Datasheet
1Mb / 5P
   TVS DIODE ARRAY FOR PROXIMITY SWITCH PROTECTION
logo
Semtech Corporation
UCLAMP3601P SEMTECH-UCLAMP3601P Datasheet
129Kb / 7P
   TVS Diode for Proximity Switch Input Protection
logo
Yea Shin Technology Co....
YSOT24C YEASHIN-YSOT24C Datasheet
800Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
logo
Shanghai Leiditech Elec...
LC0542T5 LEIDITECH-LC0542T5 Datasheet
423Kb / 4P
   TVS DIODE ARRAY FOR USB LINE PROTECTION
logo
Yea Shin Technology Co....
YSOT12C YEASHIN-YSOT12C Datasheet
800Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
YSOT15C YEASHIN-YSOT15C Datasheet
800Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
YSOT05C-A YEASHIN-YSOT05C-A Datasheet
819Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com