Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFC05-4 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SFC05-4
Description  CSP TVS Flip Chip TVS Diode Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SFC05-4 Datasheet(HTML) 4 Page - Semtech Corporation

  SFC05-4 Datasheet HTML 1Page - Semtech Corporation SFC05-4 Datasheet HTML 2Page - Semtech Corporation SFC05-4 Datasheet HTML 3Page - Semtech Corporation SFC05-4 Datasheet HTML 4Page - Semtech Corporation SFC05-4 Datasheet HTML 5Page - Semtech Corporation SFC05-4 Datasheet HTML 6Page - Semtech Corporation SFC05-4 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
ã 2000 Semtech Corp.
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
SFC05-4
PRELIMINARY
Device Connection Options
The SFC05-4 has solder bumps located in a 3 x 2
matrix layout on the active side of the device. The
bumps are designated by the numbers 1 - 3 along the
horizontal axis and letters A - B along the vertical axis.
The lines to be protected are connected at bumps A1,
B1, A3, and B3. Bumps A2 & B2 are connected to
ground. All path lengths should be kept as short as
possible to minimize the effects of parasitic inductance
in the board traces.
Wafer Level CSP TVS
CSP TVS devices are wafer level chip scale packages.
They eliminate external plastic packages and leads and
thus result in a significant board space savings. Manu-
facturing costs are minimized since they do not require
an intermediate level interconnect or interposer layer
for reliable operation. They are compatible with cur-
rent pick and place equipment further reducing manu-
facturing costs. Certain precautions and design
considerations have to be observed however for
maximum solder joint reliability. These include solder
pad definition, board finish, and assembly parameters.
Printed Circuit Board Mounting
Non-solder mask defined (NSMD) land patterns are
recommended for mounting the SFC05-4. Solder
mask defined (SMD) pads produce stress points near
the solder mask on the PCB side that can result in
solder joint cracking when exposed to extreme fatigue
conditions. The recommended pad size is 0.200 ± 10
mm with a solder mask opening of 0.350 ± 0.025 mm.
Grid Courtyard
The recommended grid placement courtyard is 1.3 x
1.8 mm. The grid courtyard is intended to encompass
the land pattern and the component body that is
centered in the land pattern. When placing parts on a
PCB, the highest recommended density is when one
courtyard touches another.
Applications Information
Device Schematic & Pin Configuration
Layout Example
NSMD Package Footprint
A
B
1
23
To Protected IC
To Protected IC
To Connector
Ground


Similar Part No. - SFC05-4

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SFC05-4 PROTEC-SFC05-4 Datasheet
132Kb / 6P
   FLIP CHIP ARRAY
SFC05-4 PROTEC-SFC05-4 Datasheet
93Kb / 6P
   FLIP CHIP ARRAY
logo
Semtech Corporation
SFC05-4 SEMTECH-SFC05-4 Datasheet
224Kb / 8P
   ChipClamp課? Flip Chip TVS Diode Array
logo
Protek Devices
SFC05-4 PROTEC-SFC05-4 Datasheet
917Kb / 10P
   300w flip chip tvs array
SFC05-4-LF-T75-2 PROTEC-SFC05-4-LF-T75-2 Datasheet
93Kb / 6P
   FLIP CHIP ARRAY
More results

Similar Description - SFC05-4

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SFC05-4 SEMTECH-SFC05-4_04 Datasheet
224Kb / 8P
   ChipClamp課? Flip Chip TVS Diode Array
logo
Protek Devices
SFC05-5 PROTEC-SFC05-5_12 Datasheet
934Kb / 10P
   250W FLIP CHIP TVS ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C_12 Datasheet
802Kb / 9P
   250W FLIP CHIP TVS ARRAY
SFC05-4 PROTEC-SFC05-4_11 Datasheet
917Kb / 10P
   300w flip chip tvs array
P0404FC3.3C PROTEC-P0404FC3.3C_11 Datasheet
534Kb / 8P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_12 Datasheet
621Kb / 9P
   250W FLIP CHIP TVS ARRAY
SFC05-4 PROTEC-SFC05-4_12 Datasheet
918Kb / 10P
   300W FLIP CHIP TVS ARRAY
P0406FC3.3C PROTEC-P0406FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
SFC05-5 PROTEC-SFC05-5_10 Datasheet
932Kb / 10P
   250w flip chip tvs array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com