Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGF0915A Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MGF0915A
Description  High-power GaAs FET (small signal gain stage)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGF0915A Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MGF0915A_11 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGF0915A_11 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGF0915A_11 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MGF0915A_11 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Publication Date : Apr., 2011
1
< High-power GaAs FET (small signal gain stage) >
MGF0915A
L & S BAND / 4.5W
SMD non - matched
DESCRIPTION
The MGF0915A GaAs FET with an N-channel schottky
Gate, is designed for use UHF band amplifiers.
FEATURES
 High output power
Po=36.5dBm(TYP.) @f=1.9GHz,Pin=23dBm
 High power gain
Gp=14.5dB(TYP.) @f=1.9GHz
 High power added efficiency
add=50%(TYP.) @f=1.9GHz,Pin=23dBm
 Hermetic Package
APPLICATION
 For UHF Band power amplifiers
QUALITY
 GG
RECOMMENDED BIAS CONDITIONS
 Vds=10V
 Ids=800mA
 Rg=100
Delivery
-01:Tape & Reel(1K), -03:Trai(50pcs)
Absolute maximum ratings (Ta=25C)
Symbol
Parameter
Ratings
Unit
VGSO
Gate to sourcebreakdown voltage
-15
V
VGDO
Gate to drain breakdown voltage
-15
V
ID
Drain current
3000
mA
IGR
Reverse gate current
-10
mA
IGF
Forward gate current
21
mA
PT
Total power dissipation
18.7
W
Tch
Cannel temperature
175
C
Tstg
Storage temperature
-65 to +175
C
Electrical characteristics (Ta=25C)
Symbol
Parameter
Test conditions
Limits
Unit
Min.
Typ.
Max.
IDSS
Saturated drain current
VDS=3V,VGS=0V
-
2400
3000
mA
VGS(off)
Gate to source cut-off voltage
VDS=3V,ID=10mA
-1
-3
-5
V
gm
Transconductance
VDS=3V,ID=800mA
-
1000
-
mS
Po
Output power
VDS=10V,ID=800mA,f=1.9GHz
35.0
36.5
-
dBm
add
Power added Efficiency
Pin=23dBm
-
50
-
%
GLP
Linear Power Gain
VDS=10V,ID=800mA,f=1.9GHz
13.0
14.5
-
dB
Rth(ch-c)
Thermal Resistance
*1
Vf Method
-
5
8
C/W
*1:Channel to case /
Above parameters, ratings, limits are subject to change.
Fig.1


Similar Part No. - MGF0915A_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF0915A MITSUBISHI-MGF0915A_03 Datasheet
46Kb / 3P
   L & S BAND GaAs FET
More results

Similar Description - MGF0915A_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF0907B MITSUBISHI-MGF0907B_11 Datasheet
165Kb / 4P
   High-power GaAs FET (small signal gain stage)
MGF0910A MITSUBISHI-MGF0910A_11 Datasheet
213Kb / 4P
   High-power GaAs FET (small signal gain stage)
MGF0919A MITSUBISHI-MGF0919A_11 Datasheet
244Kb / 4P
   High-power GaAs FET (small signal gain stage)
MGF0909A MITSUBISHI-MGF0909A_11 Datasheet
115Kb / 3P
   High-power GaAs FET(small signal gain stage)
MGF0920A MITSUBISHI-MGF0920A_11 Datasheet
111Kb / 4P
   High-power GaAs FET (small signal gain stage)
MGF0921A MITSUBISHI-MGF0921A_11 Datasheet
220Kb / 4P
   High-power GaAs FET (small signal gain stage)
MGF0951P MITSUBISHI-MGF0951P_11 Datasheet
273Kb / 6P
   High-power GaAs FET (small signal gain stage)
MGF0805A MITSUBISHI-MGF0805A_11 Datasheet
325Kb / 8P
   High-power GaAs FET (small signal gain stage)
MGF0913A MITSUBISHI-MGF0913A_11 Datasheet
113Kb / 4P
   High-power GaAs FET (small signal gain stage)
MGF0917A MITSUBISHI-MGF0917A_11 Datasheet
110Kb / 4P
   High-power GaAs FET (small signal gain stage)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com