Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF10A300HD Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SF10A300HD
Description  ULTRAFAST RECOVERY POWER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SF10A300HD Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SF10A300HD Datasheet HTML 1Page - KODENSHI_AUK CORP. SF10A300HD Datasheet HTML 2Page - KODENSHI_AUK CORP. SF10A300HD Datasheet HTML 3Page - KODENSHI_AUK CORP. SF10A300HD Datasheet HTML 4Page - KODENSHI_AUK CORP. SF10A300HD Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KSD-D6O021-000
1
SF10A300HD
Ultrafast Recovery Rectifier
TO-252
ULTRAFAST RECOVERY POWER RECTIFIER
Features
 High voltage and high reliability
 Ultrafast reverse recovery time
 High speed switching
 Low power loss and High efficiency
 Halogen-free component and RoHS compliant device
Applications
 General purpose
 Switching mode power supply
 Free-wheeling diode for motor application
 Power switching circuits
 DC-DC converter systems
Description
The SF10A300HD is ideally as boost diode in discontinuous or critical mode power factor corrections.
The device is also intended for use as a freewheeling diode in power supplies and other power switching
applications.
Ordering Information
Device
Marking Code
Package
Packaging
SF10A300HD
SF10A300HD
TO-252
Tape & Reel
Marking Information
Product Characteristics
IF(AV)
10A
VRRM
300V
VFM @ Tj=125℃
1.0V
trr
30ns
SF10A300HD = Specific Device Code
YWW = Year & Week Code Marking
-. Y = Year Code
-. WW = Week Code
Pin Configuration
Pin 1, 3: Anode
Pin 2, 4: Cathode


Similar Part No. - SF10A300HD

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF10A300HD KODENSHI-SF10A300HD Datasheet
194Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF10A300HD-1 KODENSHI-SF10A300HD-1 Datasheet
194Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
More results

Similar Description - SF10A300HD

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF10S600D2 KODENSHI-SF10S600D2 Datasheet
253Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFPF30UP20STTU FAIRCHILD-FFPF30UP20STTU Datasheet
187Kb / 5P
   Ultrafast Recovery Power Rectifier
logo
KODENSHI_AUK CORP.
SF5A200H KODENSHI-SF5A200H Datasheet
290Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF5A400HD KODENSHI-SF5A400HD Datasheet
242Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF8A200H KODENSHI-SF8A200H Datasheet
282Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFPF10UP30STU FAIRCHILD-FFPF10UP30STU Datasheet
121Kb / 5P
   Ultrafast Recovery Power Rectifier
logo
KODENSHI_AUK CORP.
SF5A200H-1 KODENSHI-SF5A200H-1 Datasheet
290Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF5A400HD-1 KODENSHI-SF5A400HD-1 Datasheet
219Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF8A300H-1 KODENSHI-SF8A300H-1 Datasheet
283Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFB10UP20S FAIRCHILD-FFB10UP20S Datasheet
116Kb / 5P
   Ultrafast Recovery Power Rectifier
FFPF20UP30DN FAIRCHILD-FFPF20UP30DN Datasheet
121Kb / 5P
   Ultrafast Recovery Power Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com