Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPS1602 Datasheet(PDF) 11 Page - Unisonic Technologies

Part # UPS1602
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPS1602 Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button UPS1602 Datasheet HTML 4Page - Unisonic Technologies UPS1602 Datasheet HTML 5Page - Unisonic Technologies UPS1602 Datasheet HTML 6Page - Unisonic Technologies UPS1602 Datasheet HTML 7Page - Unisonic Technologies UPS1602 Datasheet HTML 8Page - Unisonic Technologies UPS1602 Datasheet HTML 9Page - Unisonic Technologies UPS1602 Datasheet HTML 10Page - Unisonic Technologies UPS1602 Datasheet HTML 11Page - Unisonic Technologies UPS1602 Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
UPS1602
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 12
www.unisonic.com.tw
QW-R119-016.C
TYPICAL CHARACTERISTICS
Feedback Voltage During Loadjump From
10% Up To 100% Load (VAC=90V)
Feedback Voltage During Loadjump From
10% Up To 100% Load (VAC=264V)
Startup With Full Load Condition at
VAC=90V, VSS and VOUT
Startup With Full Load Condition at
VAC=264V, VSS and VOUT
Startup Behavior At Nominal Load
Condition VAC=90V
Startup Behavior At Nominal Load
Condition VAC=264V
0
2000
0
-2V
2V
Time (400μs/div)
4V
6V
8V
10V
12V
0
-2V
2V
4V
6V
8V
10V
12V
Time (10ms/div)
0
50
100
0
5V
10V
0
2V
4V
Time (10ms/div)
0
50
100
0
5V
10V
Time (4ms/div)
020
40
0
2V
4V
0
2V
4V
Time (4ms/div)
020
40
0
2V
4V
0
2V
4V
4000
0
2000
Time (400μs/div)
4000
6V
8V
6V
8V
6V
8V
VSS
VOUT
VSS
VOUT
0
2V
4V
6V
8V
VSS
VFB
VSS
VFB


Similar Part No. - UPS1602

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPS1602 UTC-UPS1602 Datasheet
595Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS1602G-D08-T UTC-UPS1602G-D08-T Datasheet
595Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS1602L-D08-T UTC-UPS1602L-D08-T Datasheet
595Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS1602 UTC-UPS1602_12 Datasheet
595Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results

Similar Description - UPS1602

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPS601 UTC-UPS601 Datasheet
257Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS602 UTC-UPS602 Datasheet
258Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS3652 UTC-UPS3652 Datasheet
432Kb / 9P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS702 UTC-UPS702 Datasheet
529Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS703 UTC-UPS703 Datasheet
560Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS1651S UTC-UCS1651S Datasheet
288Kb / 8P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS1704S UTC-UCS1704S Datasheet
301Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
US1602 UTC-US1602 Datasheet
369Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS17005S UTC-UCS17005S Datasheet
300Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS601 UTC-UPS601_15 Datasheet
605Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS602 UTC-UPS602_15 Datasheet
582Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com