Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3019S Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N3019S
Description  Low Power Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3019S Datasheet(HTML) 2 Page - ON Semiconductor

  2N3019S Datasheet HTML 1Page - ON Semiconductor 2N3019S Datasheet HTML 2Page - ON Semiconductor 2N3019S Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N3019S
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 0.1 mAdc, VCE = 10 Vdc) (Note 1)
(IC = 10 mAdc, VCE = 10 Vdc) (Note 1)
(IC = 150 mAdc, VCE = 10 Vdc) (Note 1)
(IC = 500 mAdc, VCE = 10 Vdc) (Note 1)
(IC = 1.0 Adc, VCE = 10 Vdc) (Note 1)
hFE
50
90
100
50
15
300
300
300
Collector−Emitter Saturation Voltage (Note 1)
(IC = 150 mAdc, IB = 15 mAdc)
(IC = 500 mAdc, IB = 50 mAdc)
VCE(sat)
0.2
0.5
Vdc
Base −Emitter Saturation Voltage (Note 1)
(IC = 150 mAdc, IB = 15 mAdc)
VBE(sat)
1.1
Vdc
SMALL−SIGNAL CHARACTERISTICS
Output Capacitance (VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz)
Cobo
12
pF
Small−Signal Current Gain
(IC = 50 mAdc, VCE = 10 Vdc, f = 20 MHz)
|hfe|
5.0
20
1. Pulse Test: See section 4 of MIL−STD−750.


Similar Part No. - 2N3019S

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3019S SEMICOA-2N3019S Datasheet
31Kb / 1P
   Chip Type 2C3019 Geometry 4500 Polarity PNP
2N3019S SEMICOA-2N3019S Datasheet
45Kb / 2P
   Type 2N3019S Geometry 4500 Polarity NPN
logo
Microsemi Corporation
2N3019S MICROSEMI-2N3019S Datasheet
71Kb / 2P
   LOW POWER NPN SILICON TRANSISTOR
logo
Semicoa Semiconductor
2N3019S SEMICOA-2N3019S Datasheet
200Kb / 2P
   Silicon NPN Transistor
logo
ON Semiconductor
2N3019SJANTX ONSEMI-2N3019SJANTX Datasheet
112Kb / 4P
   Low Power Transistors
August, 2012 ??Rev. 2
More results

Similar Description - 2N3019S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3700 ONSEMI-2N3700 Datasheet
91Kb / 3P
   Low Power Transistor
July, 2011 ??Rev. 0
2N3019 ONSEMI-2N3019 Datasheet
91Kb / 3P
   Low Power Transistor
July, 2011 ??Rev. 0
2N3439 ONSEMI-2N3439 Datasheet
94Kb / 3P
   Low Power Transistor
February, 2011 ??Rev. P0
2N3440 ONSEMI-2N3440 Datasheet
94Kb / 3P
   Low Power Transistor
January, 2011 ??Rev. P1
logo
STMicroelectronics
BCP53-16 STMICROELECTRONICS-BCP53-16 Datasheet
48Kb / 4P
   LOW POWER PNP TRANSISTOR
BCP52-16 STMICROELECTRONICS-BCP52-16 Datasheet
48Kb / 4P
   LOW POWER PNP TRANSISTOR
BCP56-16 STMICROELECTRONICS-BCP56-16 Datasheet
150Kb / 9P
   Low power NPN Transistor
logo
Central Semiconductor C...
CP709 CENTRAL-CP709_06 Datasheet
653Kb / 2P
   Power Transistor PNP - Low Saturation Transistor Chip
CP309 CENTRAL-CP309 Datasheet
215Kb / 2P
   Power Transistor NPN - Low Saturation Transistor Chip
CP309 CENTRAL-CP309_10 Datasheet
471Kb / 2P
   Power Transistor NPN - Low Saturation Transistor Chip
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com