Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3380G-XX-AF5-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # UC3380G-XX-AF5-R
Description  PWM STEP UP DC-DC CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3380G-XX-AF5-R Datasheet(HTML) 9 Page - Unisonic Technologies

  UC3380G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies UC3380G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies UC3380G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies UC3380G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies UC3380G-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies UC3380G-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies UC3380G-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies UC3380G-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies UC3380G-XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
UC3380
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 9
www.unisonic.com.tw
QW-R502-099.C
EXTERNAL COMPONENTS(Cont.)
Since the pulse current flows through the transistor, the exact Rb value should be finely tuned by the
experiment. Generally, a small Rb value can increase the output current capability, but the efficiency will
decrease due to more energy is used to drive the transistor.
Moreover, a speed up capacitor, C2, should be connected in parallel with R1 to reduce switching loss and
improve efficiency. C2 can be calculated by the equation below:
1
2
21
0.7
OSC
C
Rf
π
××
×
It is due to the variation in the characteristics of the transistor used. The calculated value should be used as
the initial test value and the optimized value should be obtained by the experiment.
*Enhancement MOS FET
For enhancement N-channel MOSFET, since enhancement MOSFET is a voltage driven, it is a more efficient
switch than a BJT transistor. However, the MOSFET requires a higher voltage to turn on as compared with BJT
transistors. An enhancement N-channel MOSFET can be selected by the following guidelines:
-
Input capacitance less than 700pF.
-
Low gate threshold voltage.
-
Low on-resistance.
-
The allowable maximum current of drain should be larger than peak current of inductor.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UC3380G-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3380G-XX-AF5-R UTC-UC3380G-XX-AF5-R Datasheet
278Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
More results

Similar Description - UC3380G-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3380 UTC-UC3380_15 Datasheet
278Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
L3380 UTC-L3380 Datasheet
166Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
UC3380 UTC-UC3380_12 Datasheet
278Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
logo
ON Semiconductor
NCP1450A ONSEMI-NCP1450A Datasheet
202Kb / 24P
   PWM Step-up DC-DC Controller
April, 2003 - Rev. 5
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Anachip Corp
AP1624 ANACHIP-AP1624 Datasheet
172Kb / 7P
   PWM/PFM Dual Mode Step-up DC/DC Controller
logo
Diodes Incorporated
AP1624 DIODES-AP1624 Datasheet
450Kb / 7P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONTROLLER
AP1624 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com