Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1986 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # P1986
Description  PWM CONTROL 3A STEP-DOWN CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1986 Datasheet(HTML) 3 Page - Unisonic Technologies

  P1986 Datasheet HTML 1Page - Unisonic Technologies P1986 Datasheet HTML 2Page - Unisonic Technologies P1986 Datasheet HTML 3Page - Unisonic Technologies P1986 Datasheet HTML 4Page - Unisonic Technologies P1986 Datasheet HTML 5Page - Unisonic Technologies P1986 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
P1986
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R103-046.C
BLOCK DIAGRAM
EN
COMP
VCC
SW
VSS
FB
EN
VREF
PWM
SS
OSC
Driver
Current
Limit
Lateh
Reference
Voltage


Similar Part No. - P1986

ManufacturerPart #DatasheetDescription
logo
Semikron International
P19 SEMIKRON-P19 Datasheet
485Kb / 3P
   For capsule devices
logo
Harwin Plc
P19-0121 HARWIN-P19-0121 Datasheet
59Kb / 1P
   1.90mm MIN. CENTRE TWO-PIECE SPRING PROBE
P19-1121 HARWIN-P19-1121 Datasheet
59Kb / 1P
   1.90mm MIN. CENTRE TWO-PIECE SPRING PROBE
P19-2221 HARWIN-P19-2221 Datasheet
59Kb / 1P
   1.90mm MIN. CENTRE TWO-PIECE SPRING PROBE
P19-4021 HARWIN-P19-4021 Datasheet
59Kb / 1P
   1.90mm MIN. CENTRE TWO-PIECE SPRING PROBE
More results

Similar Description - P1986

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P4596 UTC-P4596_15 Datasheet
226Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Anachip Corp
AP1537 ANACHIP-AP1537 Datasheet
201Kb / 7P
   PWM Control 3A Step-Down Converter
logo
Diodes Incorporated
AP1510 DIODES-AP1510_17 Datasheet
572Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Unisonic Technologies
P34563 UTC-P34563 Datasheet
212Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P1786 UTC-P1786_09 Datasheet
252Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P3586 UTC-P3586 Datasheet
347Kb / 6P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1580 DIODES-AP1580 Datasheet
327Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1580 Rev. 1
logo
Unisonic Technologies
P34563 UTC-P34563_15 Datasheet
212Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_16 Datasheet
141Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1530 DIODES-AP1530 Datasheet
230Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
AP1510 DIODES-AP1510_09 Datasheet
270Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com