Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WDR-240-24 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # WDR-240-24
Description  240W Single Output Industrial DIN RAIL Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

WDR-240-24 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  WDR-240-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. WDR-240-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. WDR-240-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.6
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
OVERTEMPERATURE
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
Note.5
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
DCOKREALY CONTACTRATINGS(max.)
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
800ms,150ms/400VAC
1500ms,150ms/230VACatfullload
18ms/400VAC
atfullload
18ms/230VAC
180~550VAC254~780VDC
47~63Hz
91%
1A/400VAC2A/230VAC
56~65V
COLDSTAR50A
<3.5mA /530VAC
29~33V
Protectiontype:Shutdowno/pvoltage, auto-recoveryafter1minuteifthefaultconditionisremoved
90
5
(TSW)detectonheatsinkofpowerswitch
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
UL508approved,IEC60950-1CBapprovedbySIQ,designrefertoGL
CompliancetoEN55022(CISPR22),EN61204-3ClassB
CompliancetoEN61000-3-2,-3
-30~+70
(Refertooutputloadderatingcurve)
60Vdc/0.3A,30Vdc/1A,30Vac/0.5A resistiveload
20~95%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
Component:10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes;Mounting:CompliancetoIEC60068-2-6
141.1Khrsmin.MIL-HDBK-217F(25
)
CompliancetoEN61000-4-2,3,4,5,6,8,11,ENV50204,EN55024,EN61000-6-2(EN50082-2),EN61204-3,heavyindustrylevel,criteria A approved
63*125.2*113.5mm(W*H*D)
1.06Kg;12pcs/13.7Kg/1.06CUFT
WDR-240-48
48V
5A
0~5A
240W
150mVp-p
48~55V
1.0%
0.5%
1.0%
WDR-240-24
24V
10A
0~10A
240W
150mVp-p
24~28V
1.0%
0.5%
1.0%
Features :
WDR-240 series
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
O/P-DCOK:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:>100MOhms/500VDC/25
/70%RH
EMICONDUCTION&RADIATION
ENVIRONMENT
SAFETY &
FUNCTION
EMC
(Note4)
PROTECTION
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
1. All parameters NOT specially mentioned are measured at 400VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Installation clearances : 40mm on top, 20mm on the bottom, 5mm on the left and right side are recommended when loaded permanently with full power.
In case the adjacent device is a heat source, 15mm clearance is recommended.
6. Derating may be needed under low input voltage. Please check the derating curve for more details.
240WSingleOutputIndustrialDINRAIL PowerSupply
Single and two phase wide input range 180~550VAC
High efficiency 91% and low power dissipation
Protections: Short circuit / Overload / Over voltage / Over temperature
Cooling by free air convection
Can be installed on DIN rail TS-35/7.5 or 15
UL 508(industrial control equipment)approved
EN61000-6-2(EN50082-2) industrial immunity level
Built-in DC OK relay contact
100% full load burn-in test
3 years warranty
FileName:WDR-240-SPEC2010-11-09
105~130% ratedoutputpower
Protectiontype: Constantcurrentlimiting,unitwillshutdownafter3sec.,auto-recoveryafter1minuteifthefaultconditionisremoved


Similar Part No. - WDR-240-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
WDR-240-24 MEANWELL-WDR-240-24 Datasheet
545Kb / 3P
   240W Single Output Industrial DIN RAIL Power Supply
More results

Similar Description - WDR-240-24

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
DRP-240 TOTAL-POWER-DRP-240 Datasheet
209Kb / 2P
   240W Single Output Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
WDR-240_1111 MEANWELL-WDR-240_1111 Datasheet
545Kb / 3P
   240W Single Output Industrial DIN RAIL Power Supply
DRP-240 MEANWELL-DRP-240 Datasheet
122Kb / 2P
   240W Single Output Industrial DIN RAIL Power Supply
DRP-240 MEANWELL-DRP-240_11 Datasheet
350Kb / 2P
   240W Single Output Industrial DIN RAIL Power Supply
DRP-240 MEANWELL-DRP-240_10 Datasheet
350Kb / 2P
   240W Single Output Industrial DIN RAIL Power Supply
logo
Total Power Internation...
WDR-240 TOTAL-POWER-WDR-240 Datasheet
636Kb / 3P
   240W Single Output Industrial DIN RAIL Power Supply
logo
Astrodyne Corporation
DRP-240 ASTRODYNE-DRP-240 Datasheet
322Kb / 2P
   240W Single Output Industrial DIN RAIL Power Supply
logo
Applied Motion Products...
PS240D48 AMP-PS240D48 Datasheet
891Kb / 4P
   DIN Rail Power Supply ??Industrial ??240W
logo
Altech corporation
PSP240 ALTECH-PSP240_1 Datasheet
101Kb / 2P
   240W Single Phase Industrial DIN Rail Power Supply
PS-C240 ALTECH-PS-C240 Datasheet
773Kb / 2P
   240W Single Output Industrial DIN Rail Power Supply with PFC Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com