Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS-1500-112 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # TS-1500-112
Description  1500W True Sine Wave DC-AC Power Inverter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

TS-1500-112 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  TS-1500-112 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. TS-1500-112 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E13
CURVE1
CURVE2
AMBIENTTEMPERATURE(
)
0
10
20
30
40
50
60
70
20
40
60
80
100
BATTERY INPUTVOLTAGE(V)
10.5VDC
21VDC
42VDC
11.5VDC
23VDC
46VDC
15VDC
30VDC
60VDC
20
40
60
80
100
(HORIZONTAL)
FileName:TS-1500-SPEC2011-05-24
T S - 1 5 0 0 series
A :TYPE A OUTLET
B :TYPEBOUTLET
C:TYPECOUTLET
D:TYPEDOUTLET
E:TYPEEOUTLET
F:TYPEFOUTLET
TS:Truesinewaveinverter
12:12VDC
24:24VDC
Bat.Voltage:
48:48VDC
1:110VAC
2:230VAC
Output:
O/P Wattage:1500W
TS
1500
112 A
207
Type-A
Type-B
220
10
Airflow
direction
Remote
port
15.6
36.25
57.75
1500W TrueSineWaveDC-ACPowerInverter
TYPE-A
Receptacletype
Country
Certificate
TYPE-B
TYPE-C
TYPE-D
TYPE-E
TYPE-F
USA
EUROPE
AUSTRALIA
U.K
JAPAN
GFCI
(Expectfor48Vinput)
ACOutputReceptacles(optional)
E
E
13
13
MechanicalSpecification
DeratingCurve
Unit:mm
BATTERY
100
0
100
0
Saving
BatLow
On
Setting
LOAD
INVERTER
Remote
port
ACOUTPUT
ON
OFF
ACOUTPUT
BATTERY
100
0
100
0
Saving
BatLow
On
Setting
LOAD
INVERTER
ON
OFF


Similar Part No. - TS-1500-112

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
TS-1500-112 MEANWELL-TS-1500-112 Datasheet
328Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
TS-1500-112A MEANWELL-TS-1500-112A Datasheet
305Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
TS-1500-112B MEANWELL-TS-1500-112B Datasheet
305Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
TS-1500-112C MEANWELL-TS-1500-112C Datasheet
305Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
TS-1500-112D MEANWELL-TS-1500-112D Datasheet
305Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
More results

Similar Description - TS-1500-112

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
TS-1500 MEANWELL-TS-1500 Datasheet
305Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
TS-1500 MEANWELL-TS-1500_12 Datasheet
328Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
TN-1500 MEANWELL-TN-1500_11 Datasheet
431Kb / 4P
   1500W True Sine Wave DC-AC Inverter with Solar Charger
TN-1500 MEANWELL-TN-1500 Datasheet
649Kb / 4P
   1500W True Sine Wave DC-AC Inverter with Solar Charger
TN-1500 MEANWELL-TN-1500_12 Datasheet
482Kb / 4P
   1500W True Sine Wave DC-AC Inverter with Solar Charger
A-301-1K7 MEANWELL-A-301-1K7 Datasheet
259Kb / 2P
   1500W Modified Sine Wave DC-AC Power Inverter
A-301-1K7_0810 MEANWELL-A-301-1K7_0810 Datasheet
282Kb / 2P
   1500W MODIFIED SINE WAVE DC-AC POWER INVERTER
TS-400 MEANWELL-TS-400_12 Datasheet
365Kb / 2P
   400W True Sine Wave DC-AC Power Inverter
TS-200 MEANWELL-TS-200_10 Datasheet
360Kb / 2P
   200W True Sine Wave DC-AC Power Inverter
TS-3000 MEANWELL-TS-3000 Datasheet
828Kb / 2P
   3000W True Sine Wave DC-AC Power Inverter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com