Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1548CSK-1.5TR Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1548CSK-1.5TR
Description  Linear Fet Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1548CSK-1.5TR Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1548CSK-1.5TR Datasheet HTML 6Page - Semtech Corporation SC1548CSK-1.5TR Datasheet HTML 7Page - Semtech Corporation SC1548CSK-1.5TR Datasheet HTML 8Page - Semtech Corporation SC1548CSK-1.5TR Datasheet HTML 9Page - Semtech Corporation SC1548CSK-1.5TR Datasheet HTML 10Page - Semtech Corporation SC1548CSK-1.5TR Datasheet HTML 11Page - Semtech Corporation SC1548CSK-1.5TR Datasheet HTML 12Page - Semtech Corporation SC1548CSK-1.5TR Datasheet HTML 13Page - Semtech Corporation SC1548CSK-1.5TR Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
ã 2001 Semtech Corp.
www.semtech.com
SC1548
POWER MANAGEMENT
Theory Of Operation
The SC1548 linear FET controller provides a simple way
to drive an N-channel MOSFET to produce a tightly
regulated output voltage from an available, higher,
supply voltage. It takes its power from a 12V supply,
drawing typically 2mA while operating.
It contains an internal bandgap reference which is
compared to the output voltage via a resistor divider.
This resistor divider is internal on the fixed output
voltage options, and user selectable on the adjustable
option. Since the drive pin can pull up to a 9V
guaranteed minimum, the device can be used to
regulate a large range of output voltages by careful
selection of the external MOSFET (see component
selection, below).
The SC1548 includes an active high enable control with
an internal pullup resistor. If this pin is pulled low, the
drive pin is pulled low, turning off the N-channel MOSFET.
If the pin is left open or pulled up to 2.5V, 3.3V or 5V,
then the drive pin will be enabled.
Also included is an overcurrent protection circuit that
monitors the output voltage. If the output voltage drops
below 50% of nominal, as would occur during an
overcurrent or short condition, the device will pull the
drive pin low and latch off.
Fixed Output Voltage Options
Please refer to the Application Circuit on Page 1. The
fixed output voltage parts have an internal resistor
divider that draws a nominal 100µA from the output.
The voltage at the common node of the resistor divider
is then compared to the bandgap reference voltage of
1.263V. The drive pin voltage is then adjusted to
maintain the output voltage set by the resistor divider.
Referring to the block diagram on page 5, the nominal
resistor values are:
e
g
a
tl
o
V
t
u
p
t
u
Ok
(
1
R
W)k
(
1
R
W)
V
5
1
5
.
12
5
.
23
6
.
2
1
V
8
1
8
.
15
5
.
53
6
.
2
1
Typical Characteristics (Cont.)(1)
Output Short Circuit Glitch Immunity
Trace 1: V
DRV, 5V/div.
Trace 2: V
OUT, 1V/div.
Timebase: 1ms/div
SC1548 enabled, then shorted, therefore
V
OUT < VTH(OC) immediately the short is applied. This
device shuts down after 5ms.
Note:
(1) See Applications Circuit on page 1.
Applications Infomation


Similar Part No. - SC1548CSK-1.5TR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1548CSK-X.XTR SEMTECH-SC1548CSK-X.XTR Datasheet
266Kb / 14P
   Linear FET Controller
More results

Similar Description - SC1548CSK-1.5TR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1548 SEMTECH-SC1548_04 Datasheet
266Kb / 14P
   Linear FET Controller
logo
Texas Instruments
LFC789D25 TI-LFC789D25 Datasheet
218Kb / 11P
[Old version datasheet]   DUAL LINEAR FET CONTROLLER
logo
Semtech Corporation
SC1116 SEMTECH-SC1116 Datasheet
238Kb / 11P
   Linear FET Controller For DDR Supplies
SC339 SEMTECH-SC339 Datasheet
733Kb / 15P
   Ultra Low Output Voltage Linear FET Controller
logo
Texas Instruments
UCC1837 TI-UCC1837 Datasheet
87Kb / 8P
[Old version datasheet]   8-Pin N-FET Linear Regulator Controller
logo
Semtech Corporation
SC4210A SEMTECH-SC4210A Datasheet
290Kb / 11P
   8-Pin N-FET Linear Regulator Controller
logo
Texas Instruments
UCC1837 TI1-UCC1837_16 Datasheet
733Kb / 14P
[Old version datasheet]   8-Pin N-FET Linear Regulator Controller
logo
BCD Semiconductor Manuf...
AP2160 BCDSEMI-AP2160 Datasheet
307Kb / 10P
   Ultra Low Output Voltage Linear N-FET Controller
logo
Semtech Corporation
SC338 SEMTECH-SC338 Datasheet
245Kb / 14P
   Ultra Low Output Voltage Dual Linear FET Controller
logo
Unisonic Technologies
LC1126 UTC-LC1126 Datasheet
100Kb / 6P
   ULTRA LOW OUTPUT VOLTAGE LINEAR N-FET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com