Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3020501 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 3020501
Description  WE-LT Leitende Textildichtung
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

3020501 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  3020501 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3020501
Bezeichnung :
description :
B
5,0
mm
H
1,0
mm
L
1000,0
mm
#BEZUG!
Luftfeuchtigkeit / humidity:
33%
Umgebungstemperatur / temperature:
+20°C
No.
Grade Name
UL File No.
Flame Class
Thickness
1
SUI-13-#FR
E178902
UL94VTM-0
130 mic.
2
UEM-55(CY)
E188467
94V-0
Max 34,74 mm;
min. 0,74 mm
3
750F
E125972
UL94VTM-0
0,16 mm
4
HI-BON No. 4832
none
none
50 mic.
SSt
Version 2
06-03-21
SSt
Version 1
05-11-09
Name
Änderung / modification
Datum / date
B Elektrische Eigenschaften / electrical properties:
< 0,08 Ohm
Geprüft / checked
Würth Elektronik
...............................................................................
Reactive Polyurethane Hotmelt Adhesive
Kunde / customer
Freigabe erteilt / general release:
Rechteck-Profil / square profile
Generic Name
Metallized Fiber
Polyether Urethane Foam
A Mechanische Abmessungen / dimensions:
Eigenschaften / properties
D Testbedingungen / test conditions:
Lagertemperatur / storage temperature:
-25°C - +85°C
Oberflächenwiderstand /
Surface resistivity
http://www.we-online.com
Kontrolliert / approved
..................................................................................
Unterschrift / signature
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
..................................................................................
...............................................................................
Spezifikation für Freigabe / specification for release
DATUM / DATE : 200
6-03-21
Artikelnummer / part number:
Kunde / customer :
WE-LT Leitende Textildichtung
Betriebstemperatur / operating temperature:
-25°C - +85°C
Einfügungsdämpfung:maximum /
insertion loss:maximum
Nicht brennbar - selbstverlöschend / non-inflammable - self-extinguishing
≥ 75 dB / 1 GHz
≥ 80 dB / 100 MHz (basierend auf / based on MIL-STD-225)
WE-LT Conductive shielding gasket
Datum / date
Rayon Paper with acrylic Adhesive
F Werkstoffe & Zulassungen / material & approvals:
E Eigenschaften / general specifications:
This electronic component is designed and developed with the intention for use in general electronics equipments. Before incorporating the components into any equipments in the field such as aerospace,
aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc. where higher safety and
reliability are especially required or if there is possibility of direct damage or injury to human body. In addition, even electronic component in general electronic equipments, when used in electrical circuits that
require high safety, reliability functions or performance, the sufficient reliability evaluation-check for the safety must be performed before use. It is essential to give consideration when to install a protective
circuit at the design stage.
3
4
L
1
B
H
2
1
B
H
2
SEITE 1 VON 1


Similar Part No. - 3020501

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
3020502 WURTH-3020502 Datasheet
205Kb / 1P
   WE-LT Leitende Textildichtung
3020503 WURTH-3020503 Datasheet
200Kb / 1P
   WE-LT Leitende Textildichtung
More results

Similar Description - 3020501

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
3020302 WURTH-3020302 Datasheet
194Kb / 1P
   WE-LT Leitende Textildichtung
3020402 WURTH-3020402 Datasheet
194Kb / 1P
   WE-LT Leitende Textildichtung
3020401 WURTH-3020401 Datasheet
194Kb / 1P
   WE-LT Leitende Textildichtung
3020301 WURTH-3020301 Datasheet
194Kb / 1P
   WE-LT Leitende Textildichtung
3020403 WURTH-3020403 Datasheet
194Kb / 1P
   WE-LT Leitende Textildichtung
3020503 WURTH-3020503 Datasheet
200Kb / 1P
   WE-LT Leitende Textildichtung
3020502 WURTH-3020502 Datasheet
205Kb / 1P
   WE-LT Leitende Textildichtung
3020202 WURTH-3020202 Datasheet
160Kb / 1P
   WE-LT Leitende Textildichtung
3020303 WURTH-3020303 Datasheet
194Kb / 1P
   WE-LT Leitende Textildichtung
3021707 WURTH-3021707 Datasheet
184Kb / 3P
   WE-LT Conductive Shielding Gasket
004.003
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com