Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPU02N-15 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SPU02N-15
Description  2W DC-DC Unregulated Single Output Converter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SPU02N-15 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SPU02N-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3000VDC I/O isolation
Internal SMD technology
Built-in EMI filter
Protection: Short circuit
Cooling by free air convection
Non-conductive plastic case
Single in line package
100% full load burn-in test
Low cost / High reliability
2 years warranty
SPECIFICATION
FileName:SPU02-SPEC2011-03-14
SPU02L-05
77%
80~400mA
5V
SPU02M-05
79%
ORDERNO.
DCOUTPUTVOLTAGE
CURRENTRANGE
EFFICIENCY (Typ.)
RATEDPOWER
RIPPLE&NOISE(max.) Note.2
OUTPUT
LINEREGULATION
Note.3
LOADREGULATION
Note.4
SWITCHINGFREQUENCY
NORMAL VOLTAGE
INPUTCURRENT
INPUT
ENVIRONMENT
SAFETY &
EMC
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
ISOLATIONCAPACITANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
WEIGHT
OVERLOAD
FILTER
PROTECTION
SHORTCIRCUIT
PROTECTION
VOLTAGE ACCURACY
Momentary
Momentary
I/P-O/P:3KVDC
I/P-O/P:100MOhms/ 500VDC/25
/70%RH
80pFmax.
700khrsmin.MIL-HDBK-217F(25
)
-40~+71
(Refertooutputloadderatingcurve)
20%~90%RHnon-condensing
-40~+105
,10~95%RH
0.03%/
(0~50
)
10 ~ 500Hz, 2G 10min./1 cycle, period for 60min. each along X, Y, Z axes
19.6*7.1*10.2mmor0.77"*0.28"*0.40"inch (L*W*H)
2.3g
1.All parameters are specified at normal input, rated load, 25
70% RH ambient.
2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
3.Line regulation is measured from low line to high line at rated load.
4.Load regulation is measured from 20% to 100% rated load.
Fullload
Noload
Capacitortype
Fuserecommended
MechanicalSpecification
Unit:mm(inch)
PinConfiguration
DeratingCurve
107mA
107mA
107mA
15mA
15mA
15mA
24V
12V
12V
24V
24V
520mA
520mA
520mA
60mA
60mA
60mA
5V
VOLTAGERANGE
21.6~26.4V 4.5~5.5V
4.5~5.5V
10.8~13.2V
10.8~13.2V
21.6~26.4V
21.6~26.4V
4.5~5.5V
100KHzmin.
2.0%
8.0%
1.2%for1%inputvariation
100mVp-p
2W
10.8~13.2V
214mA
214mA
214mA
20mA
20mA
20mA
12V
BOTTOMVIEW
FRONT VIEW
19.6(0.77)
5.08(0.20)
3.81(0.15)
7.1(0.28)
0.5(0.02)
1257
1.2(0.05)
2WDC-DCUnregulatedSingleOutputConverter
S P U 0 2 series
Features :
Ta(
)
-40
0
25
50
71
60
80
100
Protectiontype:Broken
Protectiontype: Broken
Output
+Vin
-Vin
-Vout
+Vout
PinNo.
1
2
5
7
100
SPU02N-05
77%
SPU02L-12
80%
33~167mA
12V
SPU02M-12
81%
SPU02N-12
80%
SPU02L-15
81%
27~133mA
15V
SPU02M-15 SPU02N-15
83%
82%
5V
5V
EMICONDUCTION&RADIATION
EMSIMMUNITY
CompliancetoEN55022ClassB,FCCpart15ClassB
CompliancetoEN61000-4-2,3,4,5,6,8,lightindustrylevel,criteria A


Similar Part No. - SPU02N-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPU02N-15 MEANWELL-SPU02N-15 Datasheet
167Kb / 1P
   2W DC-DC Unregulated Single Output Converter
More results

Similar Description - SPU02N-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SMU02 MEANWELL-SMU02 Datasheet
57Kb / 1P
   2W DC-DC Unregulated Single Output Converter
SPU02 MEANWELL-SPU02 Datasheet
167Kb / 1P
   2W DC-DC Unregulated Single Output Converter
logo
RSG Electronic Componen...
DS3-XX3.3-2 RSG-DS3-XX3.3-2 Datasheet
61Kb / 1P
   Single output unregulated DC/DC converters 2W
logo
GAPTEC Electronic GmbH ...
2T8A-3 GAPTEC-2T8A-3 Datasheet
898Kb / 4P
   2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2T8E GAPTEC-2T8E Datasheet
877Kb / 3P
   2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
E-XD-2W MICRODC-E-XD-2W Datasheet
705Kb / 3P
   2W,FIXED INPUT,ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2D14B GAPTEC-2D14B Datasheet
1Mb / 5P
   2W - Dual/Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2S7B GAPTEC-2S7B Datasheet
1Mb / 5P
   2W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Crystek Corporation
H0505RN-2W CRYSTEKCRYSTAL-H0505RN-2W_12 Datasheet
314Kb / 3P
   2W, FIXED INPUT,6000V ISOLATED & UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2S7A GAPTEC-2S7A Datasheet
1Mb / 5P
   2W - Dual/Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com