Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-100-12 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SP-100-12
Description  100W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SP-100-12 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SP-100-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SP-100-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
SP-100-3.3
SP-100-5
SP-100-7.5
SP-100-12
SP-100-13.5 SP-100-15
SP-100-24
SP-100-27
SP-100-48
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
REMOTECONTROL(OPTION)
FUNCTION
ACCURRENT (Typ.)
3.3V
5V
7.5V
12V
13.5V
15V
24V
27V
48V
20A
20A
13.5A
8.5A
7.5A
6.7A
4.2A
3.8A
2.1A
0~20A
0~20A
0~13.5A
0~8.5A
0~7.5A
0~6.7A
0~4.2A
0~3.8A
0~2.1A
66W
100W
101.25W
102W
101.25W
100.5W
100.8W
102.6W
100.8W
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
150mVp-p
150mVp-p
250mVp-p
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
1.0%
1.0%
1.0%
600ms,30msatfullload
20msatfullload
85~264VAC120~370VDC
47~63Hz
PF>0.93/230VACPF>0.98/115VACatfullload
70%
76%
78%
80%
80%
82%
84%
83%
82%
1.7A/115VAC0.8A/230VAC
COLDSTART 30A/230VAC
<2mA /240VAC
105~150% ratedoutputpower
3.63~4.46V 5.5~6.75V
8.25~10.13V 13.2~16.2V 14.85~18.23V 16.5~20.25V 26.4~32.4V 29.7~36.45V 52.8~64.8V
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
CN1:4~10VDCPOWERON,<0~0.8VDCPOWEROFF
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,lightindustrylevel,criteria A
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.05%/
(0~50
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
211.3Khrsmin.MIL-HDBK-217F(25
)
179*99*45mm(L*W*H)
0.66Kg;20pcs/14.3Kg/1.17CUFT
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
FileName:SP-100-SPEC2010-10-18
100WSingleOutputwithPFCFunction
S P - 1 0 0 series
Universal AC input / full range
Built-in active PFC function, PF>0.93
Protections: Short circuit / Overload / Over voltage
Built-in constant current limiting circuit
Remote ON-OFF control(Optional)
LED indicator for power on
100% full load burn-in test
Fixed switching frequency at PFC:67KHz PWM:134KHz
3 years warranty
Features :
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
EMICONDUCTION&RADIATION
3.14~3.63V 4.75~5.5V
7.13~8.25V 11.4~13.2V 12.8~14.9V
22.8~26.4V 25.7~29.7V 45.6~52.8V
14.3~16.5V


Similar Part No. - SP-100-12

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SP-100-12 TOTAL-POWER-SP-100-12 Datasheet
340Kb / 2P
   100W Single Output with PFC Function
logo
Astrodyne Corporation
SP-100-12 ASTRODYNE-SP-100-12 Datasheet
327Kb / 2P
   100W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-100-12 MEANWELL-SP-100-12 Datasheet
293Kb / 2P
   100W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-100-12 RSG-SP-100-12 Datasheet
138Kb / 2P
   100W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-100-12 MEANWELL-SP-100-12 Datasheet
301Kb / 2P
   100W Single Output with PFC Function
More results

Similar Description - SP-100-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
EPP-100 MEANWELL-EPP-100 Datasheet
759Kb / 2P
   100W Single Output with PFC Function
SP-100 MEANWELL-SP-100 Datasheet
293Kb / 2P
   100W Single Output with PFC Function
LPP-100 MEANWELL-LPP-100_12 Datasheet
338Kb / 2P
   100W Single Output with PFC Function
logo
RSG Electronic Componen...
LPP-100-3.3 RSG-LPP-100-3.3 Datasheet
205Kb / 2P
   100W Single Output with PFC Function
logo
Astrodyne Corporation
SP100DRL ASTRODYNE-SP100DRL Datasheet
425Kb / 5P
   100W Single Output with PFC Function
LPP100 ASTRODYNE-LPP100 Datasheet
329Kb / 4P
   100W Single Output with PFC Function
logo
XP Power Limited
LPP-100-3.3 XPPOWER-LPP-100-3.3 Datasheet
614Kb / 4P
   100W Single Output with PFC Function
logo
Astrodyne Corporation
SP-100 ASTRODYNE-SP-100 Datasheet
327Kb / 2P
   100W Single Output with PFC Function
logo
Mean Well Enterprises C...
HRP-100 MEANWELL-HRP-100_11 Datasheet
329Kb / 2P
   100W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-100 RSG-SP-100 Datasheet
138Kb / 2P
   100W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com