Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFT01L-09 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SFT01L-09
Description  1W DC-DC Unregulated Single Output Converter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SFT01L-09 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SFT01L-09 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Time(sec.)
0
50
100
150
200
260
MechanicalSpecification
Unit:mm(inch)
PinConfiguration
DeratingCurve
ReflowSolderingCurve
Ta(
)
-40
0
25
50
85
70
80
100
100
-Vin
+Vin
NC
-Vout
NC
NC
+Vout
NC
NC
NC
1
PinNo.
Output
2
3
5
6
7
8
10
11
12
Peak. Temp260
10sec.Max.
90sec.Max.
(>220
)
220
3000VDC I/O isolation
Internal SMD technology
Protection: Short circuit
Non-conductive plastic case
Cooling by free air convection
SMD package styles
100% full load burn-in test
Low cost / High reliability
Approved: UL / CUL
1 year warranty
SPECIFICATION
SFT01L-05
70%
0~200mA
5V
SFT01M-05
70%
ORDERNO.
DCOUTPUTVOLTAGE
OUTPUTCURRENTRANGE
EFFICIENCY
RATEDPOWER
OUTPUT
SWITCHINGFREQUENCY(Typ.)
NORMAL VOLTAGE
INPUTCURRENT
INPUT
ENVIRONMENT
SAFETY &
EMC
WITHSTANDVOLTAGE
SAFETY STANDARDS
ISOLATIONRESISTANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
WEIGHT
OVERLOAD
SHORTCIRCUIT
PROTECTION
Momentary
Momentary
I/P-O/P:3KVDC
UL60950-1,CSA C22.2
I/P-O/P:100MOhms/ 500VDC/25
/70%RH
500khrsmin.MIL-HDBK-217F(25
)
-40~+85
(Refertooutputloadderatingcurve)
20%~90%RHnon-condensing
-40~+105
,10~95%RH
0.03%/
(0~50
)
10 ~ 500Hz, 2G 10min./1 cycle, period for 60min. each along X, Y, Z axes
15.24*7.5*6.5mmor0.6"*0.295"*0.24"inch (L*W*H)
1.7g
1.All parameters are specified at normal input, rated load, 25
70% RH ambient.
2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
3.Line regulation is measured from low line to high line at rated load.
4.Load regulation is measured from 20% to 100% rated load.
Fullload
Noload
123mA
264mA
30mA
5V
123mA
19mA
12V
264mA
30mA
123mA
19mA
12V
264mA
30mA
5V
264mA
30mA
5V
VOLTAGERANGE
10.8~13.2V
4.5~5.5V
10.8~13.2V
4.5~5.5V
10.8~13.2V
4.5~5.5V
4.5~5.5V
100KHz
8.0%
8.0%
1.2%for1%inputvariation
100mVp-p
1W
10.8~13.2V
123mA
19mA
12V
Features :
Protectiontype:Broken
Protectiontype: Broken
RIPPLE&NOISE(max.) Note.2
LINEREGULATION
Note.3
LOADREGULATION
Note.4
VOLTAGETOLERANCE
1WDC-DCUnregulatedSingleOutputConverter
S F T 0 1 series
SFT01L-09
75%
0~111mA
9V
SFT01M-09
73%
SFT01L-12
78%
0~84mA
12V
SFT01M-12
73%
SFT01L-15
79%
0~67mA
15V
SFT01M-15
74%
19mA
12V
5V
FileName:SFT01-SPEC2009-12-22
PROTECTION
Fuserecommended
F0505T-1W
F1205T-1W
MODEL NO.
F0509T-1W
F1209T-1W
F0512T-1W
F1212T-1W
F0515T-1W
F1215T-1W
7
8
10
1 1
1 2
6
5
3
2
1
15.24
12.7
TOP VIEW
2.54
0.6 0.05
1.27
0.25


Similar Part No. - SFT01L-09

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SFT01L-09 MEANWELL-SFT01L-09 Datasheet
206Kb / 1P
   1W DC-DC Unregulated Single Output Converter
More results

Similar Description - SFT01L-09

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SMA01L-05 MEANWELL-SMA01L-05 Datasheet
141Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SBT01 MEANWELL-SBT01 Datasheet
266Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SMU01 MEANWELL-SMU01 Datasheet
53Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SFT01 MEANWELL-SFT01 Datasheet
206Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SUS01 MEANWELL-SUS01 Datasheet
166Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SBT01 MEANWELL-SBT01_08 Datasheet
268Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SMA01 MEANWELL-SMA01 Datasheet
52Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SUS01 MEANWELL-SUS01_11 Datasheet
167Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SMU01L-05 MEANWELL-SMU01L-05 Datasheet
189Kb / 1P
   1W DC-DC Unregulated Single Output Converter
DET01 MEANWELL-DET01_09 Datasheet
233Kb / 1P
   1W DC-DC Unregulated Dual Output Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com