Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2587-2YM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2587-2YM
Description  Single-Channel, Positive High-Voltage Hot Swap Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2587-2YM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2587-2YM Datasheet HTML 1Page - Micrel Semiconductor MIC2587-2YM Datasheet HTML 2Page - Micrel Semiconductor MIC2587-2YM Datasheet HTML 3Page - Micrel Semiconductor MIC2587-2YM Datasheet HTML 4Page - Micrel Semiconductor MIC2587-2YM Datasheet HTML 5Page - Micrel Semiconductor MIC2587-2YM Datasheet HTML 6Page - Micrel Semiconductor MIC2587-2YM Datasheet HTML 7Page - Micrel Semiconductor MIC2587-2YM Datasheet HTML 8Page - Micrel Semiconductor MIC2587-2YM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MIC2587/MIC2587R
Single-Channel, Positive High-Voltage
Hot Swap Controller
Power, Connect, and Protect is a trademark of Micrel Inc.
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax +1 (408) 474-1000 • http://www.micrel.com
October 2004
M9999-102204
(408) 955-1690
General Description
The MIC2587 and MIC2587R are single-channel positive
voltage hot swap controllers designed to provide safe
insertion and removal of boards for systems that require
live (always-powered) backplanes. These devices use few
external components and act as controllers for external N-
channel power MOSFET devices to provide inrush current
control and output voltage slew rate control. Overcurrent
fault protection is provided via programmable analog
foldback
current
limit
circuitry
equipped
with
a
programmable overcurrent filter.
These protection circuits
combine to limit the power dissipation of the external
MOSFET to insure that the MOSFET is in its SOA during
fault conditions. The MIC2587 provides a circuit breaker
function that latches the output MOSFET off if the load
current exceeds the current limit threshold for the duration
of the programmable timer.
The MIC2587R provides a
circuit breaker function that automatically attempts to
restart power after a load current fault at a low duty cycle to
prevent the MOSFET from overheating.
Each device
provides either an active-HIGH (-1BM) or an active-LOW
(-2BM) “Power-is-Good” signal to indicate that the output
load voltage is within tolerance.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• MIC2587: Pin-for-pin functional equivalent to the LT1641
• Operates from +10V to +80V with 100V ABS MAX operation
• Industrial temperature specifications at V
CC = +24V and
VCC = +48V
• Programmable current limit with analog foldback
• Active current regulation minimizes inrush current
• Electronic circuit breaker for overcurrent fault protection
-
Output latch off (MIC2587) or
-
Output auto-retry (MIC2587R)
• Fast responding circuit breaker (< 2µs) to short circuit loads
• Programmable input undervoltage lockout
• Fault Reporting:
Open-drain “Power-is-Good” output for enabling DC/DC
converter(s)
-
Active-HIGH:
MIC2587-1/MIC2587R-1
-
Active-LOW:
MIC2587-2/MIC2587R-2
Applications
• General-purpose hot board insertion
• High-voltage, high-side electronic circuit breaker
• +12V/+24V/+48V Distributed Power Systems
• +24V/+48V Industrial/Alarm Systems
• Telecom Systems
• Medical Systems
Ordering Information
Part Number
Standard
Pb-Free
PWRGD Polarity
Circuit Breaker Function
Package
MIC2587-1BM
MIC2587-1YM
Active-HIGH
Latched
8 pin SOIC
MIC2587-2BM
MIC2587-2YM
Active-LOW
Latched
8 pin SOIC
MIC2587R-1BM
MIC2587R-1YM
Active- HIGH
Auto-retry
8 pin SOIC
MIC2587R-2BM
MIC2587R-2YM
Active-LOW
Auto-retry
8 pin SOIC


Similar Part No. - MIC2587-2YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2587-2YM MICREL-MIC2587-2YM Datasheet
1,007Kb / 22P
   Single-Channel, Positive High-Voltage Hot Swap Controller
More results

Similar Description - MIC2587-2YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2587 MICREL-MIC2587_13 Datasheet
1,007Kb / 22P
   Single-Channel, Positive High-Voltage Hot Swap Controller
MIC2586 MICREL-MIC2586 Datasheet
601Kb / 17P
   Single-Channel, Positive High-Voltage Hot Swap Controller/Sequencer
logo
Linear Technology
LT1641 LINER-LT1641 Datasheet
187Kb / 12P
   Positive High Voltage Hot Swap Controller
LT1641 LINER-LT1641_15 Datasheet
198Kb / 12P
   Positive High Voltage Hot Swap Controller
logo
Texas Instruments
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
logo
Maxim Integrated Produc...
MAX5933A MAXIM-MAX5933A Datasheet
269Kb / 15P
   Positive High-Voltage, Hot-Swap Controllers
Rev 1; 7/04
logo
Linear Technology
LT4256-2 LINER-LT4256-2_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
179Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com