Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2587 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2587
Description  Single-Channel, Positive High-Voltage Hot Swap Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2587 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2587 Datasheet HTML 7Page - Micrel Semiconductor MIC2587 Datasheet HTML 8Page - Micrel Semiconductor MIC2587 Datasheet HTML 9Page - Micrel Semiconductor MIC2587 Datasheet HTML 10Page - Micrel Semiconductor MIC2587 Datasheet HTML 11Page - Micrel Semiconductor MIC2587 Datasheet HTML 12Page - Micrel Semiconductor MIC2587 Datasheet HTML 13Page - Micrel Semiconductor MIC2587 Datasheet HTML 14Page - Micrel Semiconductor MIC2587 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Micrel
MIC2587/MIC2587R
October 2004
11
M9999-102204
(408) 955-1690
)
VTIMERH threshold, and if exceeded, trip the circuit breaker.
Capacitor CTIMER will then be discharged by ITIMERDN until
the voltage across CTIMER drops below the VTIMERL
threshold, at which time another start cycle is initiated. This
will continue until either of the following occurs: a) the fault
condition is removed, b) the input supply voltage power is
removed/recycled, or c) the ON pin is toggled LOW then
HIGH. The duty cycle of the auto-restart function is
therefore fixed at 5% and the period of the auto-restart
cycle is given by:
FLT_AUTO
RESTARt
AUTO
t
20
t
×
=
() (
TIMERUP
TIMERL
TIMERH
TIMER
RESTART
-
AUTO
I
V
V
C
20
t
×
×
=
⎟⎟
⎜⎜
×
=
F
ms
250
C
t
TIMER
RESTART
-
AUTO
µ
(7)
The auto-restart period for the example above where the
worse-case CTIMER was calculated to be 3.3µF is:
tAUTO-RESTART = 825ms
Input Undervoltage Lockout
The MIC2587/MIC2587R have an internal undervoltage
lockout circuit that inhibits operation of the controller’s
internal circuitry unless the power supply voltage is stable
and within an acceptable tolerance. If the supply voltage to
the controller, with respect to ground is greater than the
VUVH threshold voltage (8V typical), then the controller’s
internal circuits are enabled and the controller is then ready
for normal operation pending the state of the ON pin
voltage. Once in steady-state operation, the controller’s
internal circuits remain active so long as the supply voltage
with respect to ground is higher than the controller’s
internal VUVL threshold voltage (7.5V typical).
Power-is-Good Output Signals
For the MIC2587-1 and MIC2587R-1, the power-good
output signal (PWRGD) will be high impedance when the
FB pin voltage is higher than the VFBH threshold and will
pull down to GND when the FB pin voltage is lower than
the VFBL threshold. For the MIC2587-2 and MIC2587R-2,
the power-good output signal (/PWRGD) will pull down to
GND when the FB pin voltage is higher than the VFBH
threshold and will be high impedance when the FB pin
voltage is lower than the VFBL threshold. Hence, the (-1)
parts have an active-HIGH PWRGD signal and the (-2)
parts have an active-LOW /PWRGD output. PWRGD (or
/PWRGD) may be used as an enable signal for one or
more following DC/DC converter modules or for other
system uses as desired. When used as an enable signal,
the time necessary for the PWRGD (or /PWRGD) signal to
pull-up (when in high impedance state) will depend upon
the (RC) load at the Power-is-Good pin.
The Power-is-Good output pin is connected to an open-
drain, N-channel transistor implemented with high-voltage
structures. These transistors are capable of operating with
pull-up resistors to supply voltages as high as 100V.


Similar Part No. - MIC2587

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2587 MICREL-MIC2587 Datasheet
1,007Kb / 22P
   Single-Channel, Positive High-Voltage Hot Swap Controller
MIC2587-1YM MICREL-MIC2587-1YM Datasheet
1,007Kb / 22P
   Single-Channel, Positive High-Voltage Hot Swap Controller
MIC2587-2YM MICREL-MIC2587-2YM Datasheet
1,007Kb / 22P
   Single-Channel, Positive High-Voltage Hot Swap Controller
MIC2587R MICREL-MIC2587R Datasheet
1,007Kb / 22P
   Single-Channel, Positive High-Voltage Hot Swap Controller
MIC2587R-1YM MICREL-MIC2587R-1YM Datasheet
1,007Kb / 22P
   Single-Channel, Positive High-Voltage Hot Swap Controller
More results

Similar Description - MIC2587

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2587 MICREL-MIC2587_13 Datasheet
1,007Kb / 22P
   Single-Channel, Positive High-Voltage Hot Swap Controller
MIC2586 MICREL-MIC2586 Datasheet
601Kb / 17P
   Single-Channel, Positive High-Voltage Hot Swap Controller/Sequencer
logo
Linear Technology
LT1641 LINER-LT1641 Datasheet
187Kb / 12P
   Positive High Voltage Hot Swap Controller
LT1641 LINER-LT1641_15 Datasheet
198Kb / 12P
   Positive High Voltage Hot Swap Controller
logo
Texas Instruments
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
logo
Maxim Integrated Produc...
MAX5933A MAXIM-MAX5933A Datasheet
269Kb / 15P
   Positive High-Voltage, Hot-Swap Controllers
Rev 1; 7/04
logo
Linear Technology
LT4256-2 LINER-LT4256-2_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
179Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com