Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMZ1N Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # UMZ1N
Description  Silicon Epitaxial Planar
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

UMZ1N Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  UMZ1N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH UMZ1N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH UMZ1N Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH UMZ1N Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
UMZ1N
0.15 W,
±±±±150 mA, ±±±±60 V
Silicon Epitaxial Planar
Power Management (Dual Transistors)
28-Oct-2009 Rev. B
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
TYPICAL CHARACTERISTICS
TR1 (NPN)


Similar Part No. - UMZ1N

ManufacturerPart #DatasheetDescription
logo
Rohm
UMZ1N ROHM-UMZ1N Datasheet
102Kb / 5P
   General purpose transistor (dual transistors)
logo
Micro Commercial Compon...
UMZ1N MCC-UMZ1N Datasheet
493Kb / 5P
   Dual Transistors
logo
Unisonic Technologies
UMZ1N UTC-UMZ1N Datasheet
95Kb / 3P
   GENERAL PURPOSE TRANSISTOR
logo
SHENZHEN YONGERJIA INDU...
UMZ1N WINNERJOIN-UMZ1N Datasheet
131Kb / 1P
   Multi-Chip TRANSISTOR
logo
Jiangsu Changjiang Elec...
UMZ1N JIANGSU-UMZ1N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNPNP)
More results

Similar Description - UMZ1N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS816F TOSHIBA-TPS816F_07 Datasheet
173Kb / 6P
   Silicon Epitaxial Planar
logo
SEMTECH ELECTRONICS LTD...
1SS77WS SEMTECH_ELEC-1SS77WS Datasheet
212Kb / 3P
   SILICON EPITAXIAL PLANAR
logo
SeCoS Halbleitertechnol...
EMZ1 SECOS-EMZ1 Datasheet
1Mb / 4P
   Silicon Epitaxial Planar
logo
Hitachi Semiconductor
2SC641K HITACHI-2SC641K Datasheet
626Kb / 3P
   SILICON EPITAXIAL PLANAR
logo
Toshiba Semiconductor
TPS820 TOSHIBA-TPS820_07 Datasheet
160Kb / 5P
   Silicon Epitaxial Planar
TPS852 TOSHIBA-TPS852 Datasheet
247Kb / 12P
   Silicon Epitaxial Planar
TPS841 TOSHIBA-TPS841 Datasheet
225Kb / 6P
   Silicon Epitaxial Planar
TPS842A TOSHIBA-TPS842A_07 Datasheet
226Kb / 6P
   Silicon Epitaxial Planar
TPS851 TOSHIBA-TPS851_07 Datasheet
272Kb / 12P
   Silicon Epitaxial Planar
logo
Panasonic Semiconductor
2SA963 PANASONIC-2SA963 Datasheet
109Kb / 3P
   SILICON EPITAXIAL PLANAR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com