Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR-120 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # SDR-120
Description  120W Single Output Industrial DIN RAIL with PFC Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SDR-120 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  SDR-120 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SDR-120 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SDR-120 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
180W
(1)
(2)
120W
100sec.
3sec.
180W
60W
15sec. 3sec.
FileName:SDR-120-SPEC2010-12-07
SDR-120 series
120WSingleOutputIndustrialDINRAIL withPFCFunction
INPUTVOLTAGE(V)60Hz
AMBIENTTEMPERATURE(
)
-25
0
Continuous
For3sec.(typ.)
10
20
30
40
50
55 60
70
60
75
100
125
150
100
40
88
110
50
60
70
80
155
135
230
264
90
100
(VERTICAL)
OutputderatingVSinputvoltage
DeratingCurve
PeakLoading
12V
Others
12V
Others


Similar Part No. - SDR-120

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SDR-120 TOTAL-POWER-SDR-120 Datasheet
463Kb / 3P
   120W Single Output Industrial DIN RAIL with PFC Function
logo
Mean Well Enterprises C...
SDR-120-12 MEANWELL-SDR-120-12 Datasheet
525Kb / 3P
   120W Single Output Industrial DIN RAIL with PFC Function
SDR-120-12 MEANWELL-SDR-120-12 Datasheet
436Kb / 3P
   120W Single Output Industrial DIN RAIL with PFC Function
logo
Total Power Internation...
SDR-120-12 TOTAL-POWER-SDR-120-12 Datasheet
463Kb / 3P
   120W Single Output Industrial DIN RAIL with PFC Function
logo
Toppower Electronic Tec...
SDR-120-12S TOPPOWER-SDR-120-12S Datasheet
748Kb / 6P
   100~120W AC-DC DIN RAIL Power Supply
More results

Similar Description - SDR-120

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SDR-120-12 MEANWELL-SDR-120-12 Datasheet
525Kb / 3P
   120W Single Output Industrial DIN RAIL with PFC Function
SDR-120 MEANWELL-SDR-120_11 Datasheet
436Kb / 3P
   120W Single Output Industrial DIN RAIL with PFC Function
logo
Total Power Internation...
SDR-120 TOTAL-POWER-SDR-120 Datasheet
463Kb / 3P
   120W Single Output Industrial DIN RAIL with PFC Function
logo
Mean Well Enterprises C...
SDR-240 MEANWELL-SDR-240_10 Datasheet
463Kb / 3P
   240W Single Output Industrial DIN RAIL with PFC Function
logo
Total Power Internation...
SDR-960 TOTAL-POWER-SDR-960 Datasheet
201Kb / 3P
   960W Single Output Industrial DIN RAIL with PFC Function
DRP-480 TOTAL-POWER-DRP-480 Datasheet
227Kb / 2P
   480W Single Output Industrial DIN RAIL with PFC Function
SDR-480 TOTAL-POWER-SDR-480 Datasheet
323Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC Function
logo
Mean Well Enterprises C...
SDR-240 MEANWELL-SDR-240_11 Datasheet
461Kb / 3P
   240W Single Output Industrial DIN RAIL with PFC Function
SDR-240 MEANWELL-SDR-240 Datasheet
298Kb / 3P
   240W Single Output Industrial DIN RAIL with PFC Function
DRP-480 MEANWELL-DRP-480_11 Datasheet
160Kb / 2P
   480W Single Output Industrial DIN RAIL with PFC Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com