Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1848612454K5 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MKP1848612454K5
Description  Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848612454K5 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button MKP1848612454K5 Datasheet HTML 4Page - Vishay Siliconix MKP1848612454K5 Datasheet HTML 5Page - Vishay Siliconix MKP1848612454K5 Datasheet HTML 6Page - Vishay Siliconix MKP1848612454K5 Datasheet HTML 7Page - Vishay Siliconix MKP1848612454K5 Datasheet HTML 8Page - Vishay Siliconix MKP1848612454K5 Datasheet HTML 9Page - Vishay Siliconix MKP1848612454K5 Datasheet HTML 10Page - Vishay Siliconix MKP1848612454K5 Datasheet HTML 11Page - Vishay Siliconix MKP1848612454K5 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MKP 1848 DC-Link
Vishay Roederstein
Metallized Polypropylene Film Capacitors
DC Capacitor MKP Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 28164
288
Revision: 27-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFIC REFERENCE DATA 1200 VDC
UNDC at 85 °C = 1200 V, UOPDC at 70 °C = 1500 V, UOPDC at 105 °C = 850 V
Notes
(1)
Change the * symbol with special code for the terminals
(2)
Maximum RMS current at 10 kHz, + 85 °C,
t = + 15 °C, cap. tol.  ± 5 %
(3)
Equivalent series resistance typical values at 10 kHz
(4)
Maximum tan
 values
(5)
Standard dimension
(6)
SPQ = Standard Packing Quantity
(7)
6 pins
(8)
12 pins
(9)
Intermediate capacitance values available on request.
(10) Under release
CAP.
(9)
DIMENSIONS
(mm) (5)
P1
P2
Ø dt dV/dt IPEAK
IRMS
(A) (2)
ESR
(m
) (3)
tan
1 kHz
< (10-4) (4)
tan
10 kHz
< (10-4) (4)
MASS SPQ
(5)
PART NUMBER (1)
(µF)
w
h
l
(mm) (mm) (mm) (V/µs)
(A)
2
pins
4
pins
2
pins
4
pins
2
pins
4
pins
2
pins
4
pins
(g)
(pcs)
1
11.0 21.0 32.0 27.5
-
0.8
100
100
3
-
43.0
-
6.0
-
40
-
9.0
130
MKP1848510924K2
2
15.0 25.0 32.0 27.5
-
0.8
100
200
5
-
21.5
-
6.0
-
40
-
11.5
100
MKP1848520924K2
3
18.0 28.0 32.0 27.5
-
0.8
100
300
6.5
-
14.5
-
6.0
-
40
-
15.0
80
MKP1848530924K2
4
21.0 31.0 32.0 27.5
-
0.8
100
400
8
-
11.0
-
6.0
-
40
-
20.0
65
MKP1848540924K2
5
18.5 35.5 43.0 37.5
10.2
1.0
48
240
6.5
7
17.0 15.0
10
8.5
80
70
31
105
MKP1848550924P*
6
18.5 35.5 43.0 37.5
10.2
1.0
48
288
7.5
8
14.0 12.5
10
8.5
80
70
29
105
MKP1848560924P*
7
21.5 38.5 43.0 37.5
10.2
1.0
48
336
8.5
9
12.0 11.0
10
8.5
80
70
37
91
MKP1848570924P*
8
21.5 38.5 43.0 37.5
10.2
1.0
48
384
9
9.5
10.5
9.5
10
8.5
80
70
35
91
MKP1848580924P*
9
24.0 44.0 42.0 37.5
10.2
1.0
48
432
10.5
11
9.5
8.5
10
8.5
80
70
48
77
MKP1848590924P*
10
24.0 44.0 42.0 37.5
10.2
1.0
48
480
11
11.5
8.5
7.5
10
8.5
80
70
45
77
MKP1848610924P*
12
30.0 45.0 42.0 37.5
10.2/
20.3
1.0
48
576
13
13.5
7.0
6.5
10
8.5
80
70
60
63
MKP1848612924P*
10
25.0 45.0 57.5 52.5
10.2
1.2
24
240
8
8.5
17.0 15.0
18
16
165
150
79
55
MKP1848610924Y*
12
25.0 45.0 57.5 52.5
10.2
1.2
24
288
9
9.5
14.0 12.5
18
16
165
150
74
55
MKP1848612924Y*
15
25.0 45.0 57.5 52.5
10.2
1.2
24
360
10
10.5 11.0 10.0
18
16
165
150
67
55
MKP1848615924Y*
20
35.0 50.0 57.5 52.5
20.3
1.2
24
480
13
14
8.5
7.5
18
16
165
150
115
40
MKP1848620924Y*
22
35.0 50.0 57.5 52.5
20.3
1.2
24
528
14
14.5
7.5
7.0
18
16
165
150
109
40
MKP1848622924Y*
25
35.0 50.0 57.5 52.5
20.3
1.2
24
600
15
15.5
6.5
6.0
18
16
165
150
100
40
MKP1848625924Y*
30
45.0 45.0 57.5 52.5
20.3
1.2
24
720
-
16.5
-
5.0
-
16
-
150
119
30
MKP1848630924Y5
60 (10) 70.0 65.0 57.5 52.5
20.3
1.2
24
1440
-
23
-
4.5
-
17
-
170
264
20
MKP1848660924Y5 (7)
120 (10) 130.0 65.0 57.5 52.5
20.3
1.2
24
2280
-
40.5
-
2.3
-
17
-
170
612
10
MKP1848712924Y5 (8)


Similar Part No. - MKP1848612454K5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848612454K2 VISHAY-MKP1848612454K2 Datasheet
133Kb / 15P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 02-Feb-09
MKP1848612454K2 VISHAY-MKP1848612454K2 Datasheet
198Kb / 20P
   Metallized Polypropylene Film Capacitors
Revision: 19-Feb-16
More results

Similar Description - MKP1848612454K5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848 VISHAY-MKP1848 Datasheet
133Kb / 15P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 02-Feb-09
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com