Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1848412094P4 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MKP1848412094P4
Description  Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848412094P4 Datasheet(HTML) 5 Page - Vishay Siliconix

  MKP1848412094P4 Datasheet HTML 1Page - Vishay Siliconix MKP1848412094P4 Datasheet HTML 2Page - Vishay Siliconix MKP1848412094P4 Datasheet HTML 3Page - Vishay Siliconix MKP1848412094P4 Datasheet HTML 4Page - Vishay Siliconix MKP1848412094P4 Datasheet HTML 5Page - Vishay Siliconix MKP1848412094P4 Datasheet HTML 6Page - Vishay Siliconix MKP1848412094P4 Datasheet HTML 7Page - Vishay Siliconix MKP1848412094P4 Datasheet HTML 8Page - Vishay Siliconix MKP1848412094P4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Document Number: 28164
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 27-May-11
285
MKP 1848 DC-Link
Metallized Polypropylene Film Capacitors
DC Capacitor MKP Type
Vishay Roederstein
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFIC REFERENCE DATA 800 VDC
UNDC at 85 °C = 800 V, UOPDC at 70 °C = 900 V, UOPDC at 105 °C = 570 V
Notes
(1)
Change the * symbol with special code for the terminals
(2)
Maximum RMS current at 10 kHz, + 85 °C,
t = + 15 °C, cap. tol.  ± 5 %
(3)
Equivalent series resistance typical values at 10 kHz
(4)
Maximum tan
 values
(5)
Standard dimension
(6)
SPQ = Standard Packing Quantity
(7)
6 pins
(8)
12 pins
(9)
Intermediate capacitance values available on request.
(10) Under release
CAP.
(9)
DIMENSIONS
(mm) (5)
P1
P2
Ø dt dU/dt IPEAK
IRMS
(A) (2)
ESR
(m
) (3)
tan
1 kHz
< (10-4) (4)
tan
10 kHz
< (10-4) (4)
MASS SPQ
(5)
PART NUMBER (1)
(µF)
w
h
l
(mm) (mm) (mm) (V/µs) (A)
2
pins
4
pins
2
pins
4
pins
2
pins
4
pins
2
pins
4
pins
(g)
(pcs)
1
9.0
19.0 32.0 27.5
-
0.8
75
75
2
-
62.5
-
7.0
-
60
-
6.5
160
MKP1848510084K2
2
11.0 21.0 32.0 27.5
-
0.8
75
150
3.5
-
31.0
-
7.0
-
60
-
9.0
130
MKP1848520084K2
3
13.0 23.0 32.0 27.5
-
0.8
75
225
4.5
-
21.0
-
7.0
-
60
-
11
115
MKP1848530084K2
4
15.0 25.0 32.0 27.5
-
0.8
75
300
5.5
-
15.5
-
7.0
-
60
-
12
100
MKP1848540084K2
5
18.0 28.0 32.0 27.5
-
0.8
75
375
7
-
12.5
-
7.0
-
60
-
17
80
MKP1848550084K2
6
18.0 28.0 32.0 27.5
-
0.8
75
450
7.5
-
10.5
-
7.0
-
60
-
16
80
MKP1848560084K2
7
21.0 31.0 32.0 27.5
-
0.8
75
525
9
-
9.0
-
7.0
-
60
-
23
65
MKP1848570084K2
8
21.0 31.0 32.0 27.5
-
0.8
75
600
9.5
-
8.0
-
7.0
-
60
-
21
65
MKP1848580084K2
9
20.0 35.0 32.0 27.5
-
0.8
75
675
10
-
8.0
-
7.0
-
60
-
21
70
MKP1848590084K2
10
18.5 35.5 43.0 37.5
10.2
1.0
40
400
8
8.5
12.5 11.0
14
12
122
110
32
105
MKP1848610084P*
12
18.5 35.5 43.0 37.5
10.2
1.0
40
480
8.5
9
10.5
9.0
14
12
122
110
30
105
MKP1848612084P*
15
21.5 38.5 43.0 37.5
10.2
1.0
40
600
10
11
8.5
7.5
14
12
122
110
37
91
MKP1848615084P*
20
24.0 44.0 42.0 37.5
10.2
1.0
40
800
13
13.5
6.0
5.5
14
12
122
110
47
77
MKP1848620084P*
22
30.0 45.0 42.0 37.5
10.2/
20.3
1.0
40
880
14.5 15.5
5.5
5.0
14
12
122
110
65
63
MKP1848622084P*
25
30.0 45.0 42.0 37.5
10.2/
20.3
1.0
40
1000 15.5
16
5.0
4.5
14
12
122
110
61
63
MKP1848625084P*
30
25.0 45.0 57.5 52.5
10.2
1.2
10
300
12
12
8.0
7.5
25
22
240
215
69
55
MKP1848630084Y*
35
30.0 45.0 57.5 52.5
20.3
1.2
10
350
13
14.5
7.0
6.0
25
22
240
215
97
45
MKP1848635084Y*
40
30.0 45.0 57.5 52.5
20.3
1.2
10
400
14.5
15
6.0
5.5
25
22
240
215
91
45
MKP1848640084Y*
45
35.0 50.0 57.5 52.5
20.3
1.2
10
450
16
17
5.5
5.0
25
22
240
215
112
40
MKP1848645084Y*
50
35.0 50.0 57.5 52.5
20.3
1.2
10
500
17
18
5.0
4.5
25
22
240
215
104
40
MKP1848650084Y*
55
45.0 45.0 57.5 52.5
20.3
1.2
10
550
-
18.5
-
4.0
-
22
-
215
131
30
MKP1848655084Y5
60
45.0 45.0 57.5 52.5
20.3
1.2
10
600
-
20
-
3.5
-
22
-
215
125
30
MKP1848660084Y5
120 (10)
70.0 65.0 57.5 52.5
20.3
1.2
10
1600
-
27
-
3.2
-
22
-
215
276
20
MKP1848712084Y5 (7)
240 (10) 130.0 65.0 57.5 52.5
20.3
1.2
10
3200
-
48.5
-
1.6
-
22
-
215
393
10
MKP1848724084Y5 (8)


Similar Part No. - MKP1848412094P4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848 VISHAY-MKP1848 Datasheet
133Kb / 15P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 02-Feb-09
MKP1848510084K2 VISHAY-MKP1848510084K2 Datasheet
198Kb / 20P
   Metallized Polypropylene Film Capacitors
Revision: 19-Feb-16
MKP1848510094K2 VISHAY-MKP1848510094K2 Datasheet
133Kb / 15P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 02-Feb-09
MKP1848510094K2 VISHAY-MKP1848510094K2 Datasheet
198Kb / 20P
   Metallized Polypropylene Film Capacitors
Revision: 19-Feb-16
MKP1848510454K2 VISHAY-MKP1848510454K2 Datasheet
133Kb / 15P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 02-Feb-09
More results

Similar Description - MKP1848412094P4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848 VISHAY-MKP1848 Datasheet
133Kb / 15P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 02-Feb-09
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com