Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

692903100000 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 692903100000
Description  CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE B MALE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

692903100000 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  692903100000 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 692903100000 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
B
C
D
E
F
G
APPROVAL: RJ
UNIT: MM
SCALE:
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
457 x 299 x 229 mm
432 x 280 mm
WERI PART NO: 692 903 100 000
DESCRIPTION: CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE B MALE
DRAW: JOE
SHEET: 2/2


Similar Part No. - 692903100000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
692901100000 WURTH-692901100000 Datasheet
390Kb / 2P
   CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A MALE
692902100000 WURTH-692902100000 Datasheet
393Kb / 2P
   CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A FEMALE
692902100001 WURTH-692902100001 Datasheet
371Kb / 1P
   CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A FEMALE
A 07-NOV-13
692904100000 WURTH-692904100000 Datasheet
386Kb / 2P
   CABLE ASSEMBLY USB 3.0 TYPE A MALE TO MICRO B MALE
More results

Similar Description - 692903100000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
692904100000 WURTH-692904100000 Datasheet
386Kb / 2P
   CABLE ASSEMBLY USB 3.0 TYPE A MALE TO MICRO B MALE
692901100000 WURTH-692901100000 Datasheet
390Kb / 2P
   CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A MALE
692902100000 WURTH-692902100000 Datasheet
393Kb / 2P
   CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A FEMALE
692902100001 WURTH-692902100001 Datasheet
371Kb / 1P
   CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A FEMALE
A 07-NOV-13
logo
Molex Electronics Ltd.
0687890040 MOLEX1-0687890040 Datasheet
41Kb / 1P
   USB Shielded I/O Cable Assembly, USB 3.0, Type A Male-to-Type B Male, 2.0m Length, Black
0687890039 MOLEX1-0687890039 Datasheet
41Kb / 1P
   USB Shielded I/O Cable Assembly, USB 3.0, Type A Male-to-Type B Male, 1.5m Length, Black
0687890038 MOLEX1-0687890038 Datasheet
41Kb / 1P
   USB Shielded I/O Cable Assembly, USB 3.0, Type A Male-to-Type B Male, 1.0m Length, Black
0687890035 MOLEX1-0687890035 Datasheet
41Kb / 1P
   USB Shielded I/O Cable Assembly, USB 3.0, Type A Male-to-Type A Female, 1.0m USB Shielded I/O Cable Assembly, USB 3.0, Type A Male-to-Type A Female, 1.0m
0687890041 MOLEX1-0687890041 Datasheet
42Kb / 1P
   USB Shielded I/O Cable Assembly, USB 3.0, Type A Male-to-Micro-USB B Male, 1.0m Length, Black
0687890043 MOLEX1-0687890043 Datasheet
42Kb / 1P
   USB Shielded I/O Cable Assembly, USB 3.0, Type A Male-to-Micro-USB B Male, 2.0m Length, Black
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com