Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7427927291 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7427927291
Description  Multilayer-SMD-Ferrite
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7427927291 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7427927291 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427927291 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bezeichnung :
description :
Größe / size 0402
A
1.0 ± 0.05
mm
B
0.5 ± 0.05
mm
C
0.5 ± 0.05
mm
D
0.25 ± 0.1
mm
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Impedanz /
impedance
Max. Impedanz /
max. impedance
DC-Widerstand /
DC-resistance
Nennstrom /
rated current
33%
+ 20°C
SMU
Version 1
09-07-27
Name
Änderung / modification
Datum / date
Luftfeuchtigkeit / humidity:
Umgebungstemperatur / temperature:
7427927291
250 MHz
100 MHz
RDC
typ.
Z
max.
...........................................................................
..................................................................................
..................................................................................
Würth Elektronik
Z
900
IDC
D Prüfgeräte / test equipment:
Agilent E4991A /16197A für/for Z und/and material
HP 34401 A für/for RDC und/and IDC
300
A Mechanische Abmessungen / dimensions:
Kunde / customer :
Multilayer-SMD-Ferrit
Multilayer-SMD-Ferrite
Artikelnummer / part number :
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
storage temperature on Tape&Reel:
-20°C - + 60°C
Basismaterial / base material:
http://www.we-online.com
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2009-07-27
max.
mA
Datum / date
...........................................................................
Unterschrift / signature
Kontrolliert / approved
Testbedingungen /
test conditions
Ferrit / ferrite
C Lötpad / soldering spec.:
B Elektrische Eigenschaften / electrical properties:
E Testbedingungen / test conditions:
Ω
0.60
±25%
600
Ω
Ω
Kunde / customer
Freigabe erteilt / general release:
Lagertemperatur der Bauteile in Tape&Reel Verpackung
G Eigenschaften / general specifications:
Betriebstemp. / operating temperature: -55°C - +125°C
F Werkstoffe & Zulassungen / material & approvals:
SEITE 1 VON 2


Similar Part No. - 7427927291

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74279272 WURTH-74279272 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
7427927218 WURTH-7427927218 Datasheet
76Kb / 2P
   Multilayer-SMD-Ferrite
7427927241 WURTH-7427927241 Datasheet
77Kb / 2P
   Multilayer-SMD-Ferrite
7427927261 WURTH-7427927261 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
7427927280 WURTH-7427927280 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
More results

Similar Description - 7427927291

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7427927311 WURTH-7427927311 Datasheet
76Kb / 2P
   Multilayer-SMD-Ferrite
7427927130 WURTH-7427927130 Datasheet
75Kb / 2P
   Multilayer-SMD-Ferrite
742792701 WURTH-742792701 Datasheet
76Kb / 2P
   Multilayer-SMD-Ferrite
742792731 WURTH-742792731 Datasheet
76Kb / 2P
   Multilayer-SMD-Ferrite
742792693 WURTH-742792693 Datasheet
150Kb / 2P
   Multilayer-SMD-Ferrite
742792010 WURTH-742792010 Datasheet
149Kb / 2P
   Multilayer-SMD-Ferrite
74279266 WURTH-74279266 Datasheet
150Kb / 2P
   Multilayer-SMD-Ferrite
7427927112 WURTH-7427927112 Datasheet
87Kb / 2P
   Multilayer-SMD-Ferrite
74279266A WURTH-74279266A Datasheet
73Kb / 2P
   Multilayer-SMD-Ferrite
742792655 WURTH-742792655 Datasheet
150Kb / 2P
   Multilayer-SMD-Ferrite
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com