Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1848512914K2 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # MKP1848512914K2
Description  Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848512914K2 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button MKP1848512914K2 Datasheet HTML 5Page - Vishay Siliconix MKP1848512914K2 Datasheet HTML 6Page - Vishay Siliconix MKP1848512914K2 Datasheet HTML 7Page - Vishay Siliconix MKP1848512914K2 Datasheet HTML 8Page - Vishay Siliconix MKP1848512914K2 Datasheet HTML 9Page - Vishay Siliconix MKP1848512914K2 Datasheet HTML 10Page - Vishay Siliconix MKP1848512914K2 Datasheet HTML 11Page - Vishay Siliconix MKP1848512914K2 Datasheet HTML 12Page - Vishay Siliconix MKP1848512914K2 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Document Number: 28164
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 27-May-11
289
MKP 1848 DC-Link
Metallized Polypropylene Film Capacitors
DC Capacitor MKP Type
Vishay Roederstein
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CONSTRUCTION DESCRIPTION
Low inductive wound cell elements of metallized polypropylene film, potted with resin in a flame retardant case.
Specific Method of Mounting to Withstand Vibration and Shock
The capacitor unit is designed for mounting on a printed circuit board.
In order to withstand vibration and shock tests, it must be insured that the stand-off pips are in good contact with the printed circuit
board.
The capacitors shall be mechanically fixed by the leads and the body clamped.
Space Requirements on Printed-Circuit Board
The maximum length and width of film capacitors is shown in the figure:
 Product height with seating plane as given by “IEC 60717” as reference:
SOLDERING CONDITIONS
For general soldering conditions and wave soldering profile, we refer to the application note:
“Soldering Guidelines for Film Capacitors”: www.vishay.com/doc?28171
Storage Temperature
 Storage temperature: T
stg = - 25 °C to + 40 °C with RH maximum 80 % without condensation.
Ratings and Characteristics Reference Conditions
Unless otherwise specified, all electrical values apply to an ambient temperature of 23 °C ± 1 °C, an atmospheric pressure of
86 kPa to 106 kPa and a relative humidity of 50 % ± 2 %.
For reference testing, a conditioning period shall be applied over 96 h ± 4 h by heating the products in a circulating air oven at
the rated temperature and a relative humidity not exceeding 20 %.
Ø D
P1
P2
2 x P2 ± 0.5 mm
3 x P2 ± 0.5 mm
4 x P2 ± 0.5 mm
5 x P2 ± 0.5 mm
W
max.
L
max.
P1 (mm)
L max. (mm)
W max. (mm)
Ø D (mm)
H (mm)
27.5
l + 1.6
w + 2.0
1.2
h + 0.2
37.5
l + 2.0
w + 3.0
1.5
h + 0.5
52.5
l + 2.4
w + 4.0
1.7
h + 0.5


Similar Part No. - MKP1848512914K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848510084K2 VISHAY-MKP1848510084K2 Datasheet
198Kb / 20P
   Metallized Polypropylene Film Capacitors
Revision: 19-Feb-16
MKP1848510094K2 VISHAY-MKP1848510094K2 Datasheet
133Kb / 15P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 02-Feb-09
MKP1848510094K2 VISHAY-MKP1848510094K2 Datasheet
198Kb / 20P
   Metallized Polypropylene Film Capacitors
Revision: 19-Feb-16
MKP1848510454K2 VISHAY-MKP1848510454K2 Datasheet
133Kb / 15P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 02-Feb-09
MKP1848510454K2 VISHAY-MKP1848510454K2 Datasheet
198Kb / 20P
   Metallized Polypropylene Film Capacitors
Revision: 19-Feb-16
More results

Similar Description - MKP1848512914K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848 VISHAY-MKP1848 Datasheet
133Kb / 15P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 02-Feb-09
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com