Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDB310WK Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SDB310WK
Description  General Purpose Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDB310WK Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SDB310WK Datasheet HTML 1Page - KODENSHI_AUK CORP. SDB310WK Datasheet HTML 2Page - KODENSHI_AUK CORP. SDB310WK Datasheet HTML 3Page - KODENSHI_AUK CORP. SDB310WK Datasheet HTML 4Page - KODENSHI_AUK CORP. SDB310WK Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. date: 25-AUG-10
KSD-D5C037-001
www.auk.co.kr
2 of 5
Absolute Maximum Ratings (T
amb=25℃, Unless otherwise specified)
Characteristic
Symbol
Ratings
Unit
Peak reverse voltage
VRM
40
V
DC reverse voltage
VR
30
V
Repetitive peak forward current
IFRM
0.5
A
Forward current
IF
0.2
A
Non-repetitive peak forward surge current(t=10ms)
IFSM
2
A
Power dissipation
1)
PD
150
mW
1) Device mounted on FR-4 board with recommended pad layout.
Thermal Characteristics (T
amb=25℃, Unless otherwise specified)
Characteristic
Symbol
Ratings
Unit
Thermal resistance, junction to ambient
1)
Rth(j-a)
833
C/W
Operating junction temperature
Tj
150
C
Storage temperature range
Tstg
-55 ~ 150
C
1) Device mounted on FR-4 board with recommended pad layout.
Electrical Characteristics (T
amb=25℃, Unless otherwise specified)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
2)
VF(1)
IF=10mA
-
-
0.4
V
VF(2)
IF=30mA
-
-
0.5
V
Reverse leakage current
3)
IR
VR=30V
-
-
1
A
Total capacitance
CT
VR=1V, f=1MHz
-
-
10
pF
Reverse recovery time
trr
IF= IR=10mA, IR(REC)= 1mA
-
-
5
ns
2) Pulse test:
tP≤380㎲, Duty cycle≤2%
3) Pulse test:
tP≤5㎳, Duty cycle≤2%
SDB310WK


Similar Part No. - SDB310WK

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDB310WK AUK-SDB310WK Datasheet
50Kb / 3P
   Schottky Barrier Diode
SDB310WK AUK-SDB310WK Datasheet
53Kb / 3P
   Schottky Barrier Diode
SDB310WKF AUK-SDB310WKF Datasheet
49Kb / 3P
   Schottky Barrier Diode
SDB310WKF AUK-SDB310WKF Datasheet
52Kb / 3P
   Schottky Barrier Diode
logo
KODENSHI_AUK CORP.
SDB310WKF KODENSHI-SDB310WKF Datasheet
235Kb / 5P
   General Purpose Schottky Barrier Diode
More results

Similar Description - SDB310WK

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SUB610 KODENSHI-SUB610 Datasheet
238Kb / 5P
   General Purpose Schottky Barrier Diode
SDB310Q KODENSHI-SDB310Q Datasheet
192Kb / 5P
   General Purpose Schottky Barrier Diode
SDB310WMF KODENSHI-SDB310WMF Datasheet
235Kb / 5P
   General Purpose Schottky Barrier Diode
SDB310Q KODENSHI-SDB310Q_18 Datasheet
194Kb / 5P
   General Purpose Schottky Barrier Diode
SUB610 KODENSHI-SUB610_14 Datasheet
239Kb / 5P
   General Purpose Schottky Barrier Diode
SDB310WAF KODENSHI-SDB310WAF Datasheet
235Kb / 5P
   General Purpose Schottky Barrier Diode
SDB310WKF KODENSHI-SDB310WKF Datasheet
235Kb / 5P
   General Purpose Schottky Barrier Diode
SDB310WKU KODENSHI-SDB310WKU Datasheet
278Kb / 5P
   General Purpose Schottky Barrier Diode
SDB310WM KODENSHI-SDB310WM Datasheet
220Kb / 5P
   General Purpose Schottky Barrier Diode
ND151 KODENSHI-ND151 Datasheet
169Kb / 5P
   General Purpose Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com