Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCNL4000-GS08 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VCNL4000-GS08
Description  Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter and I2C Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4000-GS08 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button VCNL4000-GS08 Datasheet HTML 4Page - Vishay Siliconix VCNL4000-GS08 Datasheet HTML 5Page - Vishay Siliconix VCNL4000-GS08 Datasheet HTML 6Page - Vishay Siliconix VCNL4000-GS08 Datasheet HTML 7Page - Vishay Siliconix VCNL4000-GS08 Datasheet HTML 8Page - Vishay Siliconix VCNL4000-GS08 Datasheet HTML 9Page - Vishay Siliconix VCNL4000-GS08 Datasheet HTML 10Page - Vishay Siliconix VCNL4000-GS08 Datasheet HTML 11Page - Vishay Siliconix VCNL4000-GS08 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.vishay.com
For technical questions, contact: sensorstechsupport@vishay.com
Document Number: 83798
8
Rev. 1.5, 12-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VCNL4000
Vishay Semiconductors Fully Integrated Proximity and Ambient Light Sensor
with Infrared Emitter and I2C Interface
Register #5 and #6 Ambient Light Result Register
Register address = 85h and 86h. These registers are the result registers for ambient light measurement readings.
The result is a 16 bit value. The high byte is stored in register #5 and the low byte in register #6.
Register #7 and #8 Proximity Measurement Result Register
Register address = 87h and 88h. These registers are the result registers for proximity measurement readings.
The result is a 16 bit value. The high byte is stored in register #7 and the low byte in register #8.
Register #9 Proximity Measurement Signal Frequency
Register address = 89h.
TABLE 5 - AMBIENT LIGHT RESULT REGISTER #5
Bit 7
Bit 6Bit 5Bit 4Bit 3
Bit 2Bit 1Bit 0
Description
Read only bits. High byte (15:8) of ambient light measurement result
TABLE 6 - AMBIENT LIGHT RESULT REGISTER #6
Bit 7
Bit 6Bit 5Bit 4Bit 3
Bit 2Bit 1Bit 0
Description
Read only bits. Low byte (7:0) of ambient light measurement result
TABLE 7 - PROXIMITY RESULT REGISTER #7
Bit 7
Bit 6Bit 5Bit 4Bit 3
Bit 2Bit 1Bit 0
Description
Read only bits. High byte (15:8) of proximity measurement result
TABLE 8 - PROXIMITY RESULT REGISTER #8
Bit 7
Bit 6Bit 5Bit 4Bit 3
Bit 2Bit 1Bit 0
Description
Read only bits. Low byte (7:0) of proximity measurement result
TABLE 9 - PROXIMITY MEASUREMENT SIGNAL FREQUENCY #9
Bit 7
Bit 6Bit 5Bit 4Bit 3
Bit 2Bit 1Bit 0
N/A
Proximity frequency
Description
Bit 0 and 1
Proximity frequency
R/W bits. Setting the proximity IR test signal frequency. The proximity measurement is using a square IR
signal as measurement signal. Four different values are possible:
00 = 3.125 MHz
01 = 1.5625 MHz
02 = 781.25 kHz (DEFAULT)
03 = 390.625 kHz


Similar Part No. - VCNL4000-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL4010 VISHAY-VCNL4010 Datasheet
206Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
Rev. 1.3, 23-Feb-12
VCNL4010 VISHAY-VCNL4010 Datasheet
205Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
Rev. 1.4, 29-Oct-13
VCNL4010 VISHAY-VCNL4010 Datasheet
209Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
01-Jan-2022
VCNL4010 VISHAY-VCNL4010 Datasheet
209Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
01-Jan-2023
VCNL4010-GS08 VISHAY-VCNL4010-GS08 Datasheet
205Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
Rev. 1.4, 29-Oct-13
More results

Similar Description - VCNL4000-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL4020X01 VISHAY-VCNL4020X01 Datasheet
226Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
Rev. 1.2, 13-Aug-14
VCNL4020 VISHAY-VCNL4020_V02 Datasheet
213Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
01-Jan-2023
VCNL4010-GS08 VISHAY-VCNL4010-GS08 Datasheet
205Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
Rev. 1.4, 29-Oct-13
VCNL4020X01 VISHAY-VCNL4020X01_V02 Datasheet
217Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
01-Jan-2023
VCNL4030X01 VISHAY-VCNL4030X01_V01 Datasheet
314Kb / 20P
   Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
01-Jan-2023
VCNL4010 VISHAY-VCNL4010_V02 Datasheet
209Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
01-Jan-2023
VCNL4040 VISHAY-VCNL4040 Datasheet
494Kb / 23P
   Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
Rev. 1.4, 02-Mar-15
VCNL4010 VISHAY-VCNL4010 Datasheet
206Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
Rev. 1.3, 23-Feb-12
VCNL4010 VISHAY-VCNL4010_V01 Datasheet
209Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
01-Jan-2022
VCNL4020 VISHAY-VCNL4020_V01 Datasheet
213Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com