Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL19W01-W-T32 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TL19W01-W-T32
Description  LED lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TL19W01-W-T32 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TL19W01-W-T32 Datasheet HTML 1Page - Toshiba Semiconductor TL19W01-W-T32 Datasheet HTML 2Page - Toshiba Semiconductor TL19W01-W-T32 Datasheet HTML 3Page - Toshiba Semiconductor TL19W01-W-T32 Datasheet HTML 4Page - Toshiba Semiconductor TL19W01-W-T32 Datasheet HTML 5Page - Toshiba Semiconductor TL19W01-W-T32 Datasheet HTML 6Page - Toshiba Semiconductor TL19W01-W-T32 Datasheet HTML 7Page - Toshiba Semiconductor TL19W01-W-T32 Datasheet HTML 8Page - Toshiba Semiconductor TL19W01-W-T32 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TL19W01-W(T32
2010-12-13
2
Electrical Characteristics (Ta = 25°C)
Note 4: VF rank classification
The specification on the following table is used for VF classification of LEDs in Toshiba facility.
Each reel includes the same rank LEDs. Let the delivery ratio of each rank be unquestioned.
Note 5: Rth(j-s): Thermal resistance from the LED junction to solder point.
Optical Characteristics (Ta = 25°C)
Note 6: Chromaticity classification
The product is classified at the following chromaticity coordinate groups.
Each reel includes the same rank LEDs. Let the delivery ratio of each rank be unquestioned.
Characteristics
Symbol
Test condition
Min
Typ.
Max
Unit
Forward Voltage (Note 4)
VF
IF =300 mA
2.9
3.3
3.8
V
Reverse Voltage
VR
IR = 1 mA
0.75
V
Thermal Resistance (Note 5)
Rth(j-s)
IF = 300 mA
9
°
C
/W
Forward Voltage VF
Part Number
Min
Typ.
Max
IF
TL19W01-W(T32
2.9
3.3
3.8
1
2.9
3.2
2
3.2
3.5
3
3.5
3.8
300
Unit
V
mA
Characteristics
Symbol
Test condition
Min
Typ.
Max
Unit
Cx
IF =300 mA
(Note 6)
Chromaticity
Cy
IF =300 mA
(Note 6)
Color temperature
CCT
IF =300 mA
4000
K
Luminous flux (Note 7)
ΦV
IF = 300 mA
90
110
130
lm
Color rendering index
Ra
IF = 300 mA
65
Cx
Cy
0.3670
0.3578
0.3702
0.3722
0.3825
0.3798
5A
0.3783
0.3646
0.3702
0.3722
0.3736
0.3874
0.3869
0.3958
5B
0.3825
0.3798
0.3825
0.3798
0.3869
0.3958
0.4006
0.4044
5C
0.3950
0.3875
0.3783
0.3646
0.3825
0.3798
0.3950
0.3875
5D
0.3898
0.3716
Tolerance:
±0.01
Test conditions: IF=300 mA, Ta=25°C
Tolerance: +/-0.1V
Ta=25°C
4000K
4260K
3710K
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.34 0.35 0.36 0.37 0.38 0.39 0.40 0.41 0.42 0.43
Cx
ANSI C78.377
5A
5B
5C
5D


Similar Part No. - TL19W01-W-T32

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TL19W01-WW TOSHIBA-TL19W01-WW Datasheet
281Kb / 10P
   LED lamps
TL19W01-WW-T32 TOSHIBA-TL19W01-WW-T32 Datasheet
281Kb / 10P
   LED lamps
More results

Similar Description - TL19W01-W-T32

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TL21W02-D TOSHIBA-TL21W02-D Datasheet
259Kb / 9P
   LED lamps
logo
Lucky Light Electronic
AL-50-30IRC-850 LUCKY-LIGHT-AL-50-30IRC-850_15 Datasheet
351Kb / 5P
   LED Lamps
AL-31-40IRC-850 LUCKY-LIGHT-AL-31-40IRC-850_15 Datasheet
324Kb / 5P
   LED Lamps
AL-50-30UW5C LUCKY-LIGHT-AL-50-30UW5C_15 Datasheet
394Kb / 6P
   LED Lamps
logo
A-BRIGHT Inc
AL-513RGBW-C-002 A-BRIGHT-AL-513RGBW-C-002 Datasheet
241Kb / 7P
   LED Lamps
2008/6/10
logo
IDEA.lnc.
JGC0348 IDEA-JGC0348 Datasheet
37Kb / 2P
   LED LAMPS
JYC0118 IDEA-JYC0118 Datasheet
150Kb / 5P
   LED LAMPS
JYC0358 IDEA-JYC0358 Datasheet
388Kb / 5P
   LED LAMPS
logo
Toshiba Semiconductor
TL12W02-L TOSHIBA-TL12W02-L Datasheet
305Kb / 10P
   LED lamps
logo
BRIGHT LED ELECTRONICS ...
BL-R2132N BRIGHT-BL-R2132N Datasheet
277Kb / 5P
   LED LAMPS
BL-R4641T BRIGHT-BL-R4641T Datasheet
277Kb / 5P
   LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com