Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCR0840 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SCR0840
Description  400V, 0.8A Sensitive Gate SCRs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SCR0840 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SCR0840 Datasheet HTML 1Page - KODENSHI_AUK CORP. SCR0840 Datasheet HTML 2Page - KODENSHI_AUK CORP. SCR0840 Datasheet HTML 3Page - KODENSHI_AUK CORP. SCR0840 Datasheet HTML 4Page - KODENSHI_AUK CORP. SCR0840 Datasheet HTML 5Page - KODENSHI_AUK CORP. SCR0840 Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KSD-D0A001-003
2
Absolute Maximum Ratings (Tj=25℃ unless otherwise specified)
Symbol
Parameter
Ratings
Unit
VDRM
Repetitive Peak Off-State Voltage
400
V
IT(RMS)
R.M.S On-State Current (180° conduction angles)
0.8
A
IT(AV)
Average On-State Current
(Half Sine Wave : TC=74°C)
0.5
A
ITSM
Surge On-State Current
(1/2 Cycle, 60Hz, Peak, Non Repetitive)
10
A
I
2t
Circuit Fusing Considerations (t=8.3mS)
0.415
A
2
S
PGM
Forward Peak Gate Power Dissipation (Ta=25
°C)
0.1
W
PG(AV)
Forward Average Gate Power Dissipation
(Ta=25
°C, t=8.3mS)
0.10
W
VRGM
Reverse Peak Gate Voltage
5
V
IFGM
Forward Peak Gate Current
1
A
TSTG
Storage Temperature Range
-40~125
°C
Tj
Operating Junction Temperature
-40~125
°C
Thermal Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Rth(J-C)
Thermal Resistance
Junction to Case
-
-
1.3
°C/W
Rth(J-A)
Thermal Resistance
Junction to Ambient
-
60
-
°C/W
*Rth (J-A) : t= 10sec
SCR0840


Similar Part No. - SCR0840

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SCR002 SSDI-SCR002 Datasheet
62Kb / 2P
   HIGH VOLTAGE THYRISTOR
SCR002 SSDI-SCR002_15 Datasheet
62Kb / 2P
   HIGH VOLTAGE THYRISTOR
SCR004C SSDI-SCR004C Datasheet
111Kb / 2P
   RECTIFIER
SCR004C SSDI-SCR004C_15 Datasheet
111Kb / 2P
   SILICON CONTROLLED RECTIFIER
SCR005 SSDI-SCR005 Datasheet
112Kb / 2P
   RECTIFIER
More results

Similar Description - SCR0840

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
XL0840 KERSEMI-XL0840 Datasheet
399Kb / 5P
   SENSITIVE GATE 0.8A SCRs
logo
STMicroelectronics
XL0840 STMICROELECTRONICS-XL0840 Datasheet
52Kb / 5P
   SENSITIVE GATE 0.8A SCRs
logo
JIEJIE MICROELECTRONICS...
JX008 JIEJIE-JX008 Datasheet
390Kb / 4P
   0.8A SENSITIVE SCRs
BT169 JIEJIE-BT169 Datasheet
394Kb / 4P
   0.8A SENSITIVE SCRs
MCR100-8 JIEJIE-MCR100-8 Datasheet
386Kb / 4P
   0.8A SENSITIVE SCRs
JX007 JIEJIE-JX007 Datasheet
242Kb / 4P
   0.8A Sensitive SCRs
MCR100-6 JIEJIE-MCR100-6 Datasheet
391Kb / 4P
   0.8A SENSITIVE SCRs
logo
GTM CORPORATION
GMAC97A6 GTM-GMAC97A6 Datasheet
283Kb / 4P
   SENSITIVE GATE TRIACS SILICON BIDIRECTIONAL THYRISTORS 0.8A ,400V
logo
Nell Semiconductor Co.,...
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
   Sensitive gate SCRs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com