Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1062N-D16-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # TEA1062N-D16-T
Description  LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TEA1062N-D16-T Datasheet(HTML) 5 Page - Unisonic Technologies

  TEA1062N-D16-T Datasheet HTML 1Page - Unisonic Technologies TEA1062N-D16-T Datasheet HTML 2Page - Unisonic Technologies TEA1062N-D16-T Datasheet HTML 3Page - Unisonic Technologies TEA1062N-D16-T Datasheet HTML 4Page - Unisonic Technologies TEA1062N-D16-T Datasheet HTML 5Page - Unisonic Technologies TEA1062N-D16-T Datasheet HTML 6Page - Unisonic Technologies TEA1062N-D16-T Datasheet HTML 7Page - Unisonic Technologies TEA1062N-D16-T Datasheet HTML 8Page - Unisonic Technologies TEA1062N-D16-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TEA1062N/TEA1062AN
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 13
www.unisonic.com.tw
QW-R108-011.C
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DUAL-TONE MULTI-FREQUENCY INPUT DTMF (PIN 11)
Input Impedance
Zi∣
20.7
k
Ω
Voltage Gain From DTMF to LN
Gv
ILINE =15mA, R7=68kΩ
24
25.5
27
dB
Gain Variation With Frequency
at f=300Hz and f=3400Hz
ΔGvf
w.r.t.800Hz
±
0.2
dB
Gain Variation With Temperature
at -25
°C and +75°C
ΔGvT
w.r.t.25
°C, ILINE =50mA
±
0.2
dB
GAIN ADJUSTMENT GAS1 AND GAS2 (PINS 2 AND 3)
Gain Variation Of The Ransmitting
Amplifier By Varying R7 Between
GAS1 And GAS2
ΔGv
-8
0
dB
ILINE =15mA, THD=10%
1.7
2.3
V
Sending Amplifier Output LN (pin 1)
Output Voltage
VLN(rms)
ILINE =4mA, THD=10%
0.8
V
Noise Output Voltage
VNO(rms)
ILINE =15mA; R7=68kΩ; 200Ω
between MIC- and MIC+;
psophometrically weighted
-69
dBmp
RECEIVING AMPLIFIER INPUT IR (PIN 10)
Input Impedance
Zi∣
21
k
Ω
RECEIVING AMPLIFIER OUTPUT QR (PIN 4)
ZO
4
Ω
Output Impedance
Voltage Gain From IR To QR
Gv
ILINE =15mA; RL(from pin 9 to pin
4 )=300
Ω
29.5
31
32.5
dB
Gain Variation With Frequency
at f=300Hz and f=3400Hz
ΔGvf
w.r.t.800Hz
±0.2
dB
Gain Variation With Temperature
at-25
°C and +75°C
ΔGvT
w.r.t.25
°C without R6 ILINE =50mA
±0.2
dB
RL=150
Ω
0.22
0.33
V
THD=2%
sinwave drive,
Ip=0mA, R4=100k
Ω;
ILINE =15mA
RL=450
Ω
0.3
0.48
V
Output Voltage
THD=10%
VO(rms)
R4=100k
Ω
ILINE =4mA
RL=150
Ω
15
mV
Noise Output Voltage
VNO(rms)
ILINE=15mA, R4=100kΩ, IR open –
circuit psophometrically weighted
RL=300
Ω
50
μV
GAIN ADJUSTMENT GAR (PIN 5)
Gain Variation Of Receiving
Amplifier Achievable By
Varying R4 Between GAR And QR
ΔGv
-11
0
dB
MUTE INPUT (PIN 12)
Input Voltage(HIGH)
VIH
1.5
VCC
V
Input Voltage(LOW)
VIL
0.3
V
Input Current
IMUTE
8
15
μA
REDUCTION OF GAIN
TEA1062N
MUTE=HIGH
MIC+ Or MIC- To LN
TEA1062AN
ΔGv
MUTE=LOW
70
dB
Voltage Gain From DTMF To QR
Gv
R4=100k
Ω, RL=300Ω
-19
dB


Similar Part No. - TEA1062N-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TEA1062NG-D16-T UTC-TEA1062NG-D16-T Datasheet
334Kb / 14P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT
TEA1062NG-S16-R UTC-TEA1062NG-S16-R Datasheet
334Kb / 14P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT
TEA1062NL-D16-T UTC-TEA1062NL-D16-T Datasheet
334Kb / 14P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT
More results

Similar Description - TEA1062N-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
UTCTEA1062 UTC-UTCTEA1062 Datasheet
113Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
   Low voltage versatile telephone transmission circuit with dialler interface
June 1990
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com