Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3525G-S14-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # S3525G-S14-T
Description  PC POWER SUPPLY SUPERVISORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

S3525G-S14-T Datasheet(HTML) 4 Page - Unisonic Technologies

  S3525G-S14-T Datasheet HTML 1Page - Unisonic Technologies S3525G-S14-T Datasheet HTML 2Page - Unisonic Technologies S3525G-S14-T Datasheet HTML 3Page - Unisonic Technologies S3525G-S14-T Datasheet HTML 4Page - Unisonic Technologies S3525G-S14-T Datasheet HTML 5Page - Unisonic Technologies S3525G-S14-T Datasheet HTML 6Page - Unisonic Technologies S3525G-S14-T Datasheet HTML 7Page - Unisonic Technologies S3525G-S14-T Datasheet HTML 8Page - Unisonic Technologies S3525G-S14-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
S3525
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R502-105.B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage, VDD, V12A
-0.3 ~ 16
V
V5,V33, PSONB, IS5, IS33
-0.3 ~ 7
V
IS12AB, V12B
-0.3 ~ 16
V
Input Voltage
PGI
VIN
-0.3 ~ VDD+0.3
V
FPOB
-0.3 ~ 7
V
Output Voltage
PGO
VOUT
-0.3 ~ 7
V
Operating Temperature
TOPR
-40 ~ +125
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
VDD
4
12
15
V
Supply Voltage
VCC2
9.5
12
15
V
V5,V33 ,PGI ,PSONB
7
V
Input Voltage
V12A, V12B
VIN
15
V
FPOB
7
V
Output Voltage
PGO
VOUT
7
V
FPOB
30
mA
Output Sink Current
PGO
IO(SINK)
10
mA
RI Output Current
IO(RI)
10
65
uA
Supply Voltage Rising Time (VDD)
tR
1
ms
ELECTRICAL CHARACTERISTICS (Ta=25°C and VDD=5V and V12A=12V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Over Voltage Detection
V12A, V12B
13.2
13.8
14.4
V
V5
5.7
6.1
6.5
V
Over Voltage Threshold
V33
3.7
3.9
4.1
V
ISINK=10mA
0.3
Low Level Output Voltage (FPOB)
VOL
ISINK=30mA
0.7
V
Output Leakage Current (FPOB)
ILEAK
V(FPOB)=5V
5
uA
PSONB
High-Level Input Voltage
VIH
2
V
Low-Level Input Voltage
VIL
0.8
V
Input Pull-up Current
IIN
PSONB=0V
120
uA
PGI and PGO
V12A, V12B
9.5
10
10.5
V
V5
4.1
4.30
4.47
V
Under Voltage Threshold
V33
2.55
2.69
2.83
V
Input Threshold Voltage (PGI)
VI(THD)
1.16
1.20
1.24
V
Low Level Output Voltage (PGO)
VOL
ISINK=10mA
0.4
V
Output Leakage Current (PGO)
ILEAK
PGO=5V
5
uA


Similar Part No. - S3525G-S14-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
S3525G-S14-T UTC-S3525G-S14-T Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISOR
S3525G-S14-T UTC-S3525G-S14-T Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISOR
More results

Similar Description - S3525G-S14-T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
   PC Power Supply Supervisors
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
   PC Power Supply Supervisors
logo
Fairchild Semiconductor
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
3510 UTC-3510_15 Datasheet
328Kb / 8P
   PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6516 FAIRCHILD-SG6516 Datasheet
504Kb / 12P
   PC Power Supply Supervisors
logo
Texas Instruments
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
LP7510 TI-LP7510 Datasheet
2Mb / 12P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510 TI-TPS3510 Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com