Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61175 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS61175
Description  3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61175 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61175_11 Datasheet HTML 5Page - Texas Instruments TPS61175_11 Datasheet HTML 6Page - Texas Instruments TPS61175_11 Datasheet HTML 7Page - Texas Instruments TPS61175_11 Datasheet HTML 8Page - Texas Instruments TPS61175_11 Datasheet HTML 9Page - Texas Instruments TPS61175_11 Datasheet HTML 10Page - Texas Instruments TPS61175_11 Datasheet HTML 11Page - Texas Instruments TPS61175_11 Datasheet HTML 12Page - Texas Instruments TPS61175_11 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
0
500
1000
1500
2000
2500
3000
3500
10
100
1000
ExternalResistor-kW
TPS61175
www.ti.com
SLVS892A – DECEMBER 2008 – REVISED OCTOBER 2010
Figure 13. Switching Frequency vs External Resistor
Alternatively, the TPS61175 switching frequency will synchronize to an external clock signal that is applied to the
SYNC pin. The logic level of the external clock is shown in the specification table. The duty cycle of the clock is
recommended in the range of 10% to 90%. The resistor also must be connected to the FREQ pin when IC is
switching by the external clock. The external clock frequency must be within ±20% of the corresponding
frequency set by the resistor. For example, if the corresponding frequency as set by a resistor on the FREQ pin
is 1.2-MHz, the external clock signal should be in the range of 0.96-MHz to 1.44-MHz.
If the external clock signal is higher than the frequency per the resistor on the FREQ pin, the maximum duty
cycle specification (DMAX) should be lowered by 2%. For instance, if the resistor set value is 2.5MHz, and the
external clock is 3MHz, DMAX is 87% instead of 89%.
SOFT START
The TPS61175 has a built-in soft start circuit which significantly reduces the start-up current spike and output
voltage overshoot. When the IC is enabled, an internal bias current (6-mA typically) charges a capacitor (C3) on
the SS pin. The voltage at the capacitor clamps the output of the internal error amplifier that determines the duty
cycle of PWM control, thereby the input inrush current is eliminated. Once the capacitor reaches 1.8-V, the soft
start cycle is completed and the soft start voltage no longer clamps the error amplifier output. Refer to Figure 13
for the soft start waveform. See Table 2 for C3 and corresponding soft start time. A 47-nF capacitor eliminates
the output overshoot and reduces the peak inductor current for most applications.
Table 2. Soft Start Time vs C3
Vin (V)
Vout (V)
Load (A)
Cout (mF)
fSW (MHz)
C3 (nF)
tSS(ms)
Overshot (mV)
47
4
none
5
24
0.4
10
1.2
10
0.8
210
100
6.5
none
12
35
0.6
10
2
10
0.4
300
When the EN is pulled low for 10-ms, the IC enters shutdown and the SS capacitor discharges through a 5k
resistor for the next soft start.
OVERCURRENT PROTECTION
The TPS61175 has a cycle-by-cycle overcurrent limit protection that turns off the power switch once the inductor
current reaches the overcurrent limit threshold. The PWM circuitry resets itself at the beginning of the next switch
cycle. During an overcurrent event, the output voltage begins to droop as a function of the load on the output.
When the FB voltage drops lower than 0.9-V, the switching frequency is automatically reduced to 1/4 of the set
value. The switching frequency does not reset until the overcurrent condition is removed. This feature is disabled
during soft start.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS61175


Similar Part No. - TPS61175_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61175-Q1 TI1-TPS61175-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175-Q1 TI-TPS61175-Q1_15 Datasheet
988Kb / 28P
[Old version datasheet]   TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175-Q1 TI1-TPS61175-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175PWP TI-TPS61175PWP Datasheet
811Kb / 23P
[Old version datasheet]   3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175PWPR TI-TPS61175PWPR Datasheet
811Kb / 23P
[Old version datasheet]   3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
More results

Similar Description - TPS61175_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61175 TI-TPS61175 Datasheet
811Kb / 23P
[Old version datasheet]   3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175-Q1 TI-TPS61175-Q1_15 Datasheet
988Kb / 28P
[Old version datasheet]   TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175-Q1 TI1-TPS61175-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
logo
Monolithic Power System...
MP3426 MPS-MP3426 Datasheet
388Kb / 15P
   6A, 35V Boost Converter with Programmable Switching Frequency and UVLO
MP3425 MPS-MP3425 Datasheet
720Kb / 13P
   3A, 55V Boost Converter with Programmable Switching Frequency and UVLO
logo
Linear Technology
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
logo
Texas Instruments
TPS74901 TI1-TPS74901_16 Datasheet
1Mb / 36P
[Old version datasheet]   3-A Low Dropout Linear Regulator With Programmable Soft-Start
logo
Linear Technology
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com