Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F28030PNS Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28030PNS
Description  Piccolo Microcontrollers
Download  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28030PNS Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320F28030PNS Datasheet HTML 2Page - Texas Instruments TMS320F28030PNS Datasheet HTML 3Page - Texas Instruments TMS320F28030PNS Datasheet HTML 4Page - Texas Instruments TMS320F28030PNS Datasheet HTML 5Page - Texas Instruments TMS320F28030PNS Datasheet HTML 6Page - Texas Instruments TMS320F28030PNS Datasheet HTML 7Page - Texas Instruments TMS320F28030PNS Datasheet HTML 8Page - Texas Instruments TMS320F28030PNS Datasheet HTML 9Page - Texas Instruments TMS320F28030PNS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 157 page
background image
TMS320F28030, TMS320F28031, TMS320F28032
TMS320F28033, TMS320F28034, TMS320F28035
SPRS584E
– APRIL 2009 – REVISED MARCH 2011
www.ti.com
Table 2-1. Hardware Features (continued)
28030
28031
28032
28033
28034
28035
FEATURE
TYPE
(1)
(60 MHz)
(60 MHz)
(60 MHz)
(60 MHz)
(60 MHz)
(60 MHz)
80-Pin
64-Pin
56-Pin
80-Pin
64-Pin
56-Pin
80-Pin
64-Pin
56-Pin
80-Pin
64-Pin
56-Pin
80-Pin
64-Pin
56-Pin
80-Pin
64-Pin
56-Pin
Package Type
PN
PAG
RSH
PN
PAG
RSH
PN
PAG
RSH
PN
PAG
RSH
PN
PAG
RSH
PN
PAG
RSH
LQFP
TQFP
PQFP
LQFP
TQFP
PQFP
LQFP
TQFP
PQFP
LQFP
TQFP
PQFP
LQFP
TQFP
PQFP
LQFP
TQFP
PQFP
T:
–40°C to 105°C
Yes
Yes
Yes
Yes
Yes
Yes
Temperature
S:
–40°C to 125°C
Yes
Yes
Yes
Yes
Yes
Yes
options
Q:
–40°C to 125°C
(1)
Yes
No
Yes
No
Yes
No
Yes
No
Yes
No
Yes
No
Product status
(2)
TMS
TMS
TMX
TMS
TMS
TMX
TMS
TMS
TMX
TMS
TMS
TMX
TMS
TMS
TMX
TMS
TMS
TMX
(1)
"Q" refers to Q100 qualification for automotive applications.
(2)
See Section 5.1, Device and Development Support Tool Nomenclature, for descriptions of device stages. The
"TMS" product status denotes a fully qualified production device. The "TMX"
product status denotes an experimental device that is not necessarily representative of the final device
's electrical specifications.
6
Introduction
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: TMS320F28030 TMS320F28031 TMS320F28032 TMS320F28033 TMS320F28034 TMS320F28035


Similar Part No. - TMS320F28030PNS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030PNS TI1-TMS320F28030PNS Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28030PNS TI1-TMS320F28030PNS Datasheet
1Mb / 160P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28030PNS TI1-TMS320F28030PNS Datasheet
1Mb / 161P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28030PNS TI1-TMS320F28030PNS Datasheet
2Mb / 163P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28030PNS TI1-TMS320F28030PNS Datasheet
2Mb / 162P
[Old version datasheet]   TMS320F2803x Piccolo??Microcontrollers
More results

Similar Description - TMS320F28030PNS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com