Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F280200DAT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F280200DAT
Description  Piccolo Microcontrollers
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F280200DAT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320F280200DAT Datasheet HTML 7Page - Texas Instruments TMS320F280200DAT Datasheet HTML 8Page - Texas Instruments TMS320F280200DAT Datasheet HTML 9Page - Texas Instruments TMS320F280200DAT Datasheet HTML 10Page - Texas Instruments TMS320F280200DAT Datasheet HTML 11Page - Texas Instruments TMS320F280200DAT Datasheet HTML 12Page - Texas Instruments TMS320F280200DAT Datasheet HTML 13Page - Texas Instruments TMS320F280200DAT Datasheet HTML 14Page - Texas Instruments TMS320F280200DAT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 130 page
background image
TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022
TMS320F28021, TMS320F28020, TMS320F280200
www.ti.com
SPRS523F – NOVEMBER 2008 – REVISED DECEMBER 2010
Table 2-2. TERMINAL FUNCTIONS (continued)
TERMINAL
I/O/Z
DESCRIPTION
PT
DA
NAME
PIN #
PIN #
GPIO7
42
10
I/O/Z
General purpose input/output 7
EPWM4B
O
Enhanced PWM4 output B
SCIRXDA
I
SCI-A receive data
GPIO12
47
13
I/O/Z
General purpose input/output 12
TZ1
I
Trip Zone input 1
SCITXDA
O
SCI-A transmit data
GPIO16
27
35
I/O/Z
General purpose input/output 16
SPISIMOA
I/O
SPI slave in, master out
TZ2
I
Trip Zone input 2
GPIO17
26
34
I/O/Z
General purpose input/output 17
SPISOMIA
I/O
SPI-A slave out, master in
TZ3
I
Trip zone input 3
GPIO18
24
32
I/O/Z
General purpose input/output 18
SPICLKA
I/O
SPI-A clock input/output
SCITXDA
O
SCI-A transmit
Output clock derived from SYSCLKOUT. XCLKOUT is either the same frequency,
one-half the frequency, or one-fourth the frequency of SYSCLKOUT. This is controlled
by bits 1:0 (XCLKOUTDIV) in the XCLK register. At reset, XCLKOUT =
XCLKOUT
O/Z
SYSCLKOUT/4. The XCLKOUT signal can be turned off by setting XCLKOUTDIV
to 3. The mux control for GPIO18 must also be set to XCLKOUT for this signal to
propogate to the pin.
GPIO19
25
33
I/O/Z
General purpose input/output 19
External Oscillator Input. The path from this pin to the clock block is not gated by the
XCLKIN
mux function of this pin. Care must be taken not to enable this path for clocking if it is
being used for the other periperhal functions
SPISTEA
I/O
SPI-A slave transmit enable input/output
SCIRXDA
I
SCI-A receive
ECAP1
I/O
Enhanced Capture input/output 1
GPIO28
48
14
I/O/Z
General purpose input/output 28
SCIRXDA
I
SCI receive data
SDAA
I/OD
I2C data open-drain bidirectional port
TZ2
I
Trip zone input 2
GPIO29
1
15
I/O/Z
General purpose input/output 29.
SCITXDA
O
SCI transmit data
SCLA
I/OD
I2C clock open-drain bidirectional port
TZ3
I
Trip zone input 3
GPIO32
31
I/O/Z
General purpose input/output 32
SDAA
I/OD
I2C data open-drain bidirectional port
EPWMSYNCI
I
Enhanced PWM external sync pulse input
ADCSOCAO
O
ADC start-of-conversion A
Copyright © 2008–2010, Texas Instruments Incorporated
Introduction
11
Submit Documentation Feedback
Product Folder Link(s): TMS320F28027 TMS320F28026 TMS320F28023 TMS320F28022 TMS320F28021
TMS320F28020 TMS320F280200


Similar Part No. - TMS320F280200DAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F280200DAT TI1-TMS320F280200DAT Datasheet
1Mb / 129P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280200DAT TI1-TMS320F280200DAT Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280200DAT TI1-TMS320F280200DAT Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280200DAT TI1-TMS320F280200DAT Datasheet
2Mb / 139P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280200DAT TI-TMS320F280200DAT Datasheet
4Mb / 135P
[Old version datasheet]   TMS320F2802x Microcontrollers
More results

Similar Description - TMS320F280200DAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com