Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSP-3000 Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part # RSP-3000
Description  3000W Single Output Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RSP-3000 Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  RSP-3000_10 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RSP-3000_10 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RSP-3000_10 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RSP-3000_10 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RSP-3000_10 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RSP-3000_10 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Fig.5.1RemovetheCN3
Fig.5.2InserttheCN3
OL-SD
OL-SD
OLP
OLP
FileName:RSP-3000-SPEC2010-10-18
3000WSingleOutputPowerSupply
R S P - 3 0 0 0 series
4.CurrentSharing
5.SelectO.L.P mode
(1)Paralleloperationisavailablebyconnectingtheunitsshownasbelow
(1)RemovetheshortingconnectoronCN3thatisshowninFig5.1,theO.L.P.modewillbe"continuousconstantcurrentlimiting".
(2)InserttheshortingconnectoronCN3thatisshowninFig5.2,theO.L.P.modewillbe"constantcurrentlimitingwithdelayshutdownafter5seconds,
re-powerontorecover.
(+S,-SandCSareconnectedmutuallyinparallel):
(2)Thevoltagedifferenceamongeachoutputshouldbeminimizedthatlessthan 2%isrequired.
(3)Thetotaloutputcurrentmustnotexceedthevaluedeterminedbythefollowingequation.
(4)Inparalleloperation3unitsisthemaximum,pleaseconsultthemanufacturerforotherapplications.
(5)Whenremotesensingisusedinparalleloperation,thesensingwiremustbeconnectedonlytothemasterunit.
(6)Wiresofremotesensingshouldbekeptatleast10cmfrominputwires.
(7)Wheninparalleloperation,theminimumoutputloadshouldbegreaterthan2%oftotaloutputload.
(Min.Load>3%ratedcurrentperunit numberofunit)
(8)Underparalleloperation,the"outputvoltagetrim"functionisnotavailable.
(Outputcurrentatparalleloperation)=(Theratedcurrentperunit)x(Numberofunit)x0.9
AC/L
AC/L
AC/L
No.1(Master)
No.2(Slave)
No.3(Slave)
AC/N
AC/N
AC/N
-V
-V
-V
+V
+V
+V
CN1
CN1
CN1
CN2
CN2
CN2
+S
+S
+S
+S
+S
+S
-S
-S
-S
-S
-S
-S
CS
CS
CS
CS
CS
CS
Load
+V
-V
+S
-S
OLP Mode:constantcurrentlimiting
OLP Mode:constantcurrentlimitingwithdelayshutdownafter5seconds


Similar Part No. - RSP-3000_10

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSP-3000-12 MEANWELL-RSP-3000-12 Datasheet
329Kb / 5P
   3000W Single Output Power Supply
RSP-3000-12 MEANWELL-RSP-3000-12 Datasheet
359Kb / 6P
   3000W Single Output Power Supply
logo
Total Power Internation...
RSP-3000-12 TOTAL-POWER-RSP-3000-12 Datasheet
377Kb / 6P
   3000W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-3000 MEANWELL-RSP-3000_12 Datasheet
359Kb / 6P
   3000W Single Output Power Supply
More results

Similar Description - RSP-3000_10

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
RSP-3000 TOTAL-POWER-RSP-3000 Datasheet
377Kb / 6P
   3000W Single Output Power Supply
logo
COTEK ELECTRONIC IND. C...
AK3000 COTEK-AK3000 Datasheet
559Kb / 6P
   3000W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-3000 MEANWELL-RSP-3000_12 Datasheet
359Kb / 6P
   3000W Single Output Power Supply
RSP-3000 MEANWELL-RSP-3000 Datasheet
329Kb / 5P
   3000W Single Output Power Supply
CSP-3000 MEANWELL-CSP-3000 Datasheet
1Mb / 10P
   3000W Power Supply with Single Output
logo
COTEK ELECTRONIC IND. C...
AE-3000 COTEK-AE-3000 Datasheet
3Mb / 6P
   3000W Programmable Single Output
22/02/16
logo
Bel Fuse Inc.
PFE3000-12-069RA BEL-PFE3000-12-069RA_18 Datasheet
2Mb / 27P
   3000W AC-DC FRONT-END POWER SUPPLY
PFF3000-12-069RD BEL-PFF3000-12-069RD Datasheet
1Mb / 25P
   3000W DC-DC FRONT-END POWER SUPPLY
logo
Total Power Internation...
RSP-1500 TOTAL-POWER-RSP-1500 Datasheet
1Mb / 4P
   1500W SINGLE OUTPUT POWER SUPPLY
SPV-1500 TOTAL-POWER-SPV-1500 Datasheet
338Kb / 4P
   1500W Single Output Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com