Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S37702p Datasheet(PDF) 6 Page - KODENSHI_AUK CORP.

Part # S37702p
Description  8CH Darlington TR Sink Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

S37702p Datasheet(HTML) 6 Page - KODENSHI_AUK CORP.

Back Button S37702p Datasheet HTML 2Page - KODENSHI_AUK CORP. S37702p Datasheet HTML 3Page - KODENSHI_AUK CORP. S37702p Datasheet HTML 4Page - KODENSHI_AUK CORP. S37702p Datasheet HTML 5Page - KODENSHI_AUK CORP. S37702p Datasheet HTML 6Page - KODENSHI_AUK CORP. S37702p Datasheet HTML 7Page - KODENSHI_AUK CORP. S37702p Datasheet HTML 8Page - KODENSHI_AUK CORP. S37702p Datasheet HTML 9Page - KODENSHI_AUK CORP. S37702p Datasheet HTML 10Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
KSD-I7C007-000
6
May. 2011 REV. 00
Note 1 : Pulse width 50us, duty cycle 10%
Output impedance 50Ω, tr ≤ 5ns, tf ≤ 10ns
Note 2 : See below
Input Condition
Item Code
RI
VIH
S3771/P
2.7KΩ
3V
S3772/P
0
13V
S3773/P
0
3V
S3774/P
0
8V
Note 3 : CL includes probe and jig capacitance
This IC does not include built-in protection circuits for excess current or overvoltage. If this IC is subjected to excess current
or overvoltage, it may be destroyed. Hence, the utmost care must be taken when systems which incorporate this IC are
designed. Utmost care is necessary in the design of the output line, COMMON and GND line since IC may be destroyed
due to short−circuit between outputs, air contamination fault, or fault by improper grounding.
S3770x/P
8. tON , tOFF
OPEN
VOUT=50V
RL=163Ω
CL=15pF
OUTPUT
RI
PULSE
GENERATOR
INPUT
Note 1
Note 2
Note 3
INPUT
OUTPUT
tr
tf
10%
50%
90%
10%
50%
90%
50us
tON
tOFF
50%
50%
VOL
VOH
VIH
0
Precautions for using


Similar Part No. - S37702p

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S3771 KODENSHI-S3771 Datasheet
569Kb / 12P
   7CH Darlington TR Sink Driver
S3771P KODENSHI-S3771P Datasheet
569Kb / 12P
   7CH Darlington TR Sink Driver
S3772 KODENSHI-S3772 Datasheet
569Kb / 12P
   7CH Darlington TR Sink Driver
S3772P KODENSHI-S3772P Datasheet
569Kb / 12P
   7CH Darlington TR Sink Driver
S3773 KODENSHI-S3773 Datasheet
569Kb / 12P
   7CH Darlington TR Sink Driver
More results

Similar Description - S37702p

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S3783 KODENSHI-S3783 Datasheet
403Kb / 10P
   8CH Darlington TR Source Driver
logo
ARTSCHIP ELECTRONICS CO...
ULN2803 ARTSCHIP-ULN2803 Datasheet
343Kb / 8P
   8CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62081AP TOSHIBA-TD62081AP Datasheet
366Kb / 10P
   8CH DARLINGTON SINK DRIVER
TD62081APG TOSHIBA-TD62081APG Datasheet
271Kb / 13P
   8ch Darlington Sink Driver
ULN2803APG TOSHIBA-ULN2803APG Datasheet
460Kb / 12P
   8ch Darlington Sink Driver
logo
IK Semicon Co., Ltd
IK62083 IKSEMICON-IK62083_13 Datasheet
336Kb / 9P
   8CH Darlington Sink Driver
IK62083 IKSEMICON-IK62083 Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
logo
Toshiba Semiconductor
ULN2803AFW TOSHIBA-ULN2803AFW Datasheet
320Kb / 10P
   8CH DARLINGTON SINK DRIVER
TD62083AFNG TOSHIBA-TD62083AFNG Datasheet
362Kb / 11P
   8CH DARLINGTON SINK DRIVER
TD62083AFN TOSHIBA-TD62083AFN Datasheet
266Kb / 8P
   8CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com