Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3784P Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # S3784P
Description  8CH Darlington TR Source Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

S3784P Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  S3784P Datasheet HTML 1Page - KODENSHI_AUK CORP. S3784P Datasheet HTML 2Page - KODENSHI_AUK CORP. S3784P Datasheet HTML 3Page - KODENSHI_AUK CORP. S3784P Datasheet HTML 4Page - KODENSHI_AUK CORP. S3784P Datasheet HTML 5Page - KODENSHI_AUK CORP. S3784P Datasheet HTML 6Page - KODENSHI_AUK CORP. S3784P Datasheet HTML 7Page - KODENSHI_AUK CORP. S3784P Datasheet HTML 8Page - KODENSHI_AUK CORP. S3784P Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
KSD-I7C006-000
1
Fab. 2011 REV. 00
S378x
8CH Darlington TR Source Driver
Product
Marking
Package
S378x
S378x
SOP-20
S378xP
S378xP
DIP-18
▲ Marking Detail Information
S378x….[1]
YWW….[2]
[1] Device Code [ x: Item Code ]
[2] Year & Week Code
Description
The S378x Series are comprised of eight source current Transistor Array.
These drivers are specifically designed for fluorescent display
applications. Applications include relay, hammer and lamp drivers.
Application
Relay Controller
Lamp and Display LED Driver
Hammer Drivers
Features and Benefits
Output Current (single output) -500mA(Max.)
High Output Voltage : VCC=50V(Min.)
Output clamp diode
Single supply voltage
Inputs compatible with various types of logic
Package : SOP-20, DIP-18
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
http:// www.auk.co.kr
ORDERING INFORMATION
Schematics
SOP-20
DIP-18
INPUT
OUTPUT
GND
VCC
2.6k
5k
10k
20k
10k
n
S3783 : n=1
S3784 : n=4


Similar Part No. - S3784P

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S3780 MICROSEMI-S3780 Datasheet
133Kb / 3P
   Silicon Power Rectifier
logo
New Jersey Semi-Conduct...
S3780 NJSEMI-S3780 Datasheet
93Kb / 1P
   Silicon Power Rectifier
More results

Similar Description - S3784P

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S37701 KODENSHI-S37701 Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
logo
IK Semicon Co., Ltd
IK62783 IKSEMICON-IK62783 Datasheet
419Kb / 10P
   8CH DARLINGTON SOURCE DRIVER
logo
Toshiba Semiconductor
TD62785P TOSHIBA-TD62785P Datasheet
216Kb / 6P
   8CH SOURCE DRIVER
TD62785PG TOSHIBA-TD62785PG Datasheet
280Kb / 10P
   8CH SOURCE DRIVER
logo
ARTSCHIP ELECTRONICS CO...
ULN2803 ARTSCHIP-ULN2803 Datasheet
343Kb / 8P
   8CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62081AP TOSHIBA-TD62081AP Datasheet
366Kb / 10P
   8CH DARLINGTON SINK DRIVER
TD62081APG TOSHIBA-TD62081APG Datasheet
271Kb / 13P
   8ch Darlington Sink Driver
ULN2803APG TOSHIBA-ULN2803APG Datasheet
460Kb / 12P
   8ch Darlington Sink Driver
logo
IK Semicon Co., Ltd
IK62083 IKSEMICON-IK62083_13 Datasheet
336Kb / 9P
   8CH Darlington Sink Driver
IK62083 IKSEMICON-IK62083 Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com